Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 10Page - NXP Semiconductors MMPF0200Z Datasheet HTML 11Page - NXP Semiconductors MMPF0200Z Datasheet HTML 12Page - NXP Semiconductors MMPF0200Z Datasheet HTML 13Page - NXP Semiconductors MMPF0200Z Datasheet HTML 14Page - NXP Semiconductors MMPF0200Z Datasheet HTML 15Page - NXP Semiconductors MMPF0200Z Datasheet HTML 16Page - NXP Semiconductors MMPF0200Z Datasheet HTML 17Page - NXP Semiconductors MMPF0200Z Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
PF0200Z
General Product Characteristics
Electrical Characteristics
4.3.2
Current Consumption
Table 7. Current Consumption Summary
TA = -40 to 85 °C, VIN = 3.6 V, VDDIO = 1.7 to 3.6 V, LICELL = 1.8 to 3.3 V, VSNVS = 3.0 V, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VDDIO = 3.3 V, LICELL = 3.0 V, VSNVS = 3.0 V and
25 °C, unless otherwise noted.
Mode
PF0200Z Conditions
System Conditions
Typical
MAX
Unit
Coin Cell
(15),(16),(19)
VSNVS from LICELL
All other blocks off
VIN = 0.0 V
VSNVSVOLT[2:0] = 110
No load on VSNVS
4.0
7.0
A
Off (15)(17)
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
UVDET
No load on VSNVS, PMIC able to wake-up
17
25
A
Sleep (18)
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3A/B PFM
Trimmed 16 MHz RC off
32 k RC on
VREFDDR disabled
No load on VSNVS. DDR memories in self
refresh
122
220
A
Standby (18)
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW2 in PFM
SW3A/B combined in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in
low power mode. All rails powered on
except boost (load = 0 mA)
270
430
A
Notes
15.
At 25 °C only.
16.
Refer to Figure 4 for Coin Cell mode characteristics over temperature.
17.
When VIN is below the UVDET threshold, in the range of 1.8 V
VIN < 2.65 V, the quiescent current increases by 50 A, typically.
18.
For PFM operation, headroom should be 300 mV or greater.
19.
Additional current may be drawn in the coin cell mode when RESETBMCU is pulled up to VSNVS due an internal path from
RESETBMCU to VIN. The additional current is <30
A with a pull up resistor of 100 k. The i.MX 6 processors have an internal pull-up
from the POR_B pin to the VDD_SNVS_IN pin. If additional current in the coin cell mode is not desired for i.MX6 applications, use an
external switch to disconnect the RESETBMCU path when VIN is removed. Pull-up RESETBMCU to a rail that is off in the coin cell
mode, for non-i.MX 6 applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com