Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 60Page - NXP Semiconductors MMPF0200Z Datasheet HTML 61Page - NXP Semiconductors MMPF0200Z Datasheet HTML 62Page - NXP Semiconductors MMPF0200Z Datasheet HTML 63Page - NXP Semiconductors MMPF0200Z Datasheet HTML 64Page - NXP Semiconductors MMPF0200Z Datasheet HTML 65Page - NXP Semiconductors MMPF0200Z Datasheet HTML 66Page - NXP Semiconductors MMPF0200Z Datasheet HTML 67Page - NXP Semiconductors MMPF0200Z Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.5.2
SWBST External Components
6.4.5.3
SWBST Specifications
UNUSED
7
–
0x00
UNUSED
Notes
47.
In Auto mode, the controller automatically switches between PFM and APS modes depending on the load current.
The SWBST regulator starts up by default in the Auto mode, if SWBST is part of the startup sequence.
Table 73. SWBST External Component Requirements
Components
Description
Values
CINBST(48)
SWBST input capacitor
10
F
CINBSTHF(48)
SWBST decoupling input capacitor
0.1
F
COBST(48)
SWBST output capacitor
2 x 22
F
LSBST
SWBST inductor
2.2
H
DBST
SWBST boost diode
1.0 A, 20 V Schottky
Notes
48.
Use X5R or X7R capacitors.
Table 74. SWBST Electrical Specifications
All parameters are specified at TA = -40 to 85 °C, VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, typical external
component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at VIN = VINSWBST = 3.6 V,
VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
SWITCH MODE SUPPLY SWBST
Input Voltage Range
VINSWBST
2.8
–
4.5
V
Nominal Output Voltage
VSWBST
–
Table 72
–V
Output Voltage Accuracy
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX
VSWBSTACC
-4.0
–
3.0
%
Output Ripple
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX, excluding reverse recovery of
Schottky diode
VSWBST
–
–
120
mV
Vp-p
DC Load Regulation
0 < ISWBST < ISWBSTMAX
VSWBSTLOR
–0.5
–
mV/
mA
DC Line Regulation
2.8 V
 VIN 4.5 V, ISWBST = ISWBSTMAX
VSWBSTLIR
–
50
–
mV
Continuous Load Current
2.8 V
 VIN  3.0 V
3.0 V
 VIN  4.5 V
ISWBST
–
–
–
–
500
600
mA
Quiescent Current
AUTO
ISWBSTQ
–
222
289
A
MOSFET on Resistance
RDSONBST
–
206
306
m
Peak Current Limit (49)
ISWBSTLIM
1400
2200
3200
mA
Table 72. Register SWBSTCTL - ADDR 0x66 (continued)
Name
Bit #
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com