Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors MMPF0200Z Datasheet HTML 28Page - NXP Semiconductors MMPF0200Z Datasheet HTML 29Page - NXP Semiconductors MMPF0200Z Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Bias and References Block Description
6.3.2
VREFDDR Voltage Reference
VREFDDR is an internal PMOS half supply voltage follower capable of supplying up to 10 mA. The output voltage is at one half
the input voltage. Its typically used as the reference voltage for DDR memories. A filtered resistor divider is utilized to create a
low-frequency pole. This divider then utilizes a voltage follower to drive the load.
Figure 7. VREFDDR Block Diagram
6.3.2.1
VREFDDR Control Register
The VREFDDR voltage reference is controlled by a single bit in VREFDDCRTL register in Table 18.
External Components
Table 18. Register VREFDDCRTL - ADDR 0x6A
Name
Bit #
R/W
Default
Description
UNUSED
3:0
–
0x00
UNUSED
VREFDDREN
4
R/W
0x00
Enable or disables VREFDDR output voltage
0 = VREFDDR Disabled
1 = VREFDDR Enabled
UNUSED
7:5
–
0x00
UNUSED
Table 19. VREFDDR External Components(27)
Capacitor
Capacitance (
F)
VINREFDDR(28) to VHALF
0.1
VHALF to GND
0.1
VREFDDR
1.0
Notes
27.
Use X5R or X7R capacitors.
28.
VINREFDDR to GND, 1.0
F minimum capacitance is provided by buck regulator output.
VINREFDDR
VREFDDR
VINREFDDR
CHALF1
Discharge
+
_
VHALF
VREFDDR
CHALF2
100 nf
100 nf
CREFDDR
1.0 uf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com