Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 84Page - NXP Semiconductors MMPF0200Z Datasheet HTML 85Page - NXP Semiconductors MMPF0200Z Datasheet HTML 86Page - NXP Semiconductors MMPF0200Z Datasheet HTML 87Page - NXP Semiconductors MMPF0200Z Datasheet HTML 88Page - NXP Semiconductors MMPF0200Z Datasheet HTML 89Page - NXP Semiconductors MMPF0200Z Datasheet HTML 90Page - NXP Semiconductors MMPF0200Z Datasheet HTML 91Page - NXP Semiconductors MMPF0200Z Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
Analog Integrated Circuit Device Data
88
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
Coin Cell Specifications
6.5
Control Interface I2C Block Description
The PF0200Z contains an I2C interface port which allows access by a processor, or any I2C master, to the register set. Via these
registers the resources of the IC can be controlled. The registers also provide status information about how the IC is operating.
The SCL and SDA lines should be routed away from noisy signals and planes to minimize noise pick up. To prevent reflections
in the SCL and SDA traces from creating false pulses, the rise and fall times of the SCL and SDA signals must be greater than
20 ns. This can be accomplished by reducing the drive strength of the I2C master via software. The i.MX6 I2C driver defaults to
a 40 ohm drive strength. It is recommended to use a drive strength of 80 ohm or higher to increase the edge times. Alternatively,
this can be accomplished by using small capacitors from SCL and SDA to ground. For example, use 5.1 pF capacitors from SCL
and SDA to ground for bus pull-up resistors of 4.8 kohm.
6.5.1
I2C Device ID
I2C interface protocol requires a device ID for addressing the target IC on a multi-device bus. To allow flexibility in addressing for
bus conflict avoidance, fuse programmability is provided to allow configuration for the lower 3 address LSB(s). Refer to One Time
Programmability (OTP) for more details. This product supports 7-bit addressing only; support is not provided for 10-bit or general
call addressing. Note, when the TBB bits for the I2C slave address are written, the next access to the chip, must then use the
new slave address; these bits take affect right away.
6.5.2
I2C Operation
The I2C mode of the interface is implemented generally following the Fast mode definition which supports up to 400 kbits/s
operation (exceptions to the standard are noted to be 7-bit only addressing and no support for General Call addressing.) Timing
diagrams, electrical specifications, and further details can be found in the I2C specification, which is available for download at:
http://www.nxp.com/acrobat_download/literature/9398/39340011.pdf
I2C read operations are also performed in byte increments separated by an ACK. Read operations also begin with the MSB and
each byte will be sent out unless a STOP command or NACK is received prior to completion.
The following examples show how to write and read data to and from the IC. The host initiates and terminates all communication.
The host sends a master command packet after driving the start condition. The device will respond to the host if the master
command packet contains the corresponding slave address. In the following examples, the device is shown always responding
with an ACK to transmissions from the host. If at any time a NACK is received, the host should terminate the current transaction
and retry the transaction.
Figure 22. I2C Write Example
Table 99. Coin Cell Charger Specifications
Parameter
Typ
Unit
Voltage Accuracy
100
mV
Coin Cell Charge Current in On mode ICOINHI
60
A
Current Accuracy
30
%
Device
Address
Register Address
Packet
Type
START
R / W
Host SDA
A
C
K
Slave SDA
A
C
K
Master Driven Data
( byte
0 )
0
7
STOP
Host can
also drive
another
Start instead
of Stop
A
C
K
0
0
7
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com