Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors MMPF0200Z Datasheet HTML 28Page - NXP Semiconductors MMPF0200Z Datasheet HTML 29Page - NXP Semiconductors MMPF0200Z Datasheet HTML 30Page - NXP Semiconductors MMPF0200Z Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
PF0200Z
Functional Block Requirements and Behaviors
Bias and References Block Description
VREFDDR Specifications
Table 20. VREFDDR Electrical Characteristics
TA = -40 to 85 °C, VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical external component values, unless otherwise
noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VREFDDR
Operating Input Voltage Range
VINREFDDR
1.2
–
1.8
V
Operating Load Current Range
IREFDDR
0.0
–
10
mA
Current Limit
IREFDDR when VREFDDR is forced to VINREFDDR/4
IREFDDRLIM
10.5
15
25
mA
Quiescent Current(29)
IREFDDRQ
–8.0
–
A
ACTIVE MODE – DC
Output Voltage
1.2 V < VINREFDDR < 1.8 V
0.0 mA < IREFDDR < 10 mA
VREFDDR
–VINREFDDR/2
–
V
Output Voltage Tolerance
1.2 V < VINREFDDR < 1.8 V
0.6 mA
IREFDDR 10 mA
VREFDDRTOL
–1.0
–
1.0
%
Load Regulation
1.0 mA < IREFDDR < 10 mA
1.2 V < VINREFDDR < 1.8 V
VREFDDRLOR
–0.40–
mV/mA
ACTIVE MODE – AC
Turn-on Time
Enable to 90% of end value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
tONREFDDR
–
–
100
s
Turn-off Time
Disable to 10% of initial value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
tOFFREFDDR
––
10
ms
Start-up Overshoot
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
VREFDDROSH
–1.0
6.0
%
Transient Load Response
VINREFDDR = 1.2 V, 1.8 V
VREFDDRTLR
–5.0
–
mV
Notes
29.
When VREFDDR is off there is a quiescent current of 1.5
A typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com