Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 68Page - NXP Semiconductors MMPF0200Z Datasheet HTML 69Page - NXP Semiconductors MMPF0200Z Datasheet HTML 70Page - NXP Semiconductors MMPF0200Z Datasheet HTML 71Page - NXP Semiconductors MMPF0200Z Datasheet HTML 72Page - NXP Semiconductors MMPF0200Z Datasheet HTML 73Page - NXP Semiconductors MMPF0200Z Datasheet HTML 74Page - NXP Semiconductors MMPF0200Z Datasheet HTML 75Page - NXP Semiconductors MMPF0200Z Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
Analog Integrated Circuit Device Data
72
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.6.4
External Components
Table 85 lists the typical component values for the general purpose LDO regulators.
6.4.6.5
LDO Specifications
VGEN1
Table 85. LDO External Components
Regulator
Output Capacitor (
F)(51)
VGEN1
2.2
VGEN2
4.7
VGEN3
2.2
VGEN4
4.7
VGEN5
2.2
VGEN6
2.2
Notes
51. Use X5R/X7R ceramic capacitors.
Table 86. VGEN1 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111,
IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN1
Operating Input Voltage
VIN1
1.75–3.40
V
Nominal Output Voltage
VGEN1NOM
–
Table 76
–V
Operating Load Current
IGEN1
0.0
–
100
mA
VGEN1 DC
Output Voltage Tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN1 < 100 mA
VGEN1[3:0] = 0000 to 1111
VGEN1TOL
-3.0
–
3.0
%
Load Regulation
(VGEN1 at IGEN1 = 100 mA) - (VGEN1 at IGEN1 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
VGEN1LOR
–0.15–
mV/
mA
Line Regulation
(VGEN1 at VIN1 = 3.4 V) - (VGEN1 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN1 < 100 mA
VGEN1LIR
–0.30–
mV/
mA
Current Limit
IGEN1 when VGEN1 is forced to VGEN1NOM/2
IGEN1LIM
122
167
200
mA
Overcurrent Protection Threshold
IGEN1 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN1OCP
115
–
200
mA
Quiescent Current
No load, Change in IVIN and IVIN1
When VGEN1 enabled
IGEN1Q
–14–
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com