Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 66Page - NXP Semiconductors MMPF0200Z Datasheet HTML 67Page - NXP Semiconductors MMPF0200Z Datasheet HTML 68Page - NXP Semiconductors MMPF0200Z Datasheet HTML 69Page - NXP Semiconductors MMPF0200Z Datasheet HTML 70Page - NXP Semiconductors MMPF0200Z Datasheet HTML 71Page - NXP Semiconductors MMPF0200Z Datasheet HTML 72Page - NXP Semiconductors MMPF0200Z Datasheet HTML 73Page - NXP Semiconductors MMPF0200Z Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
Analog Integrated Circuit Device Data
70
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
For more detail information, Table 79 through Table 84 provide a description of all registers necessary to operate all six general
purpose LDO regulators.
Table 79. Register VGEN1CTL - ADDR 0x6C
Name
Bit #
R/W
Default
Description
VGEN1
3:0
R/W
0x80
Sets VGEN1 output voltage.
See Table 76 for all possible configurations.
VGEN1EN
4
–
0x00
Enables or Disables VGEN1 output
0 = OFF
1 = ON
VGEN1STBY
5
R/W
0x00
Set VGEN1 output state when in Standby. Refer
to Table 78.
VGEN1LPWR
6
R/W
0x00
Enable Low Power mode for VGEN1. Refer to
Table 78.
UNUSED
7
–
0x00
UNUSED
Table 80. Register VGEN2CTL - ADDR 0x6D
Name
Bit #
R/W
Default
Description
VGEN2
3:0
R/W
0x80
Sets VGEN2 output voltage.
See Table 76 for all possible configurations.
VGEN2EN
4
–
0x00
Enables or Disables VGEN2 output
0 = OFF
1 = ON
VGEN2STBY
5
R/W
0x00
Set VGEN2 output state when in Standby. Refer
to Table 78.
VGEN2LPWR
6
R/W
0x00
Enable Low Power Mode for VGEN2. Refer to
Table 78.
UNUSED
7
–
0x00
UNUSED
Table 81. Register VGEN3CTL - ADDR 0x6E
Name
Bit #
R/W
Default
Description
VGEN3
3:0
R/W
0x80
Sets VGEN3 output voltage.
See Table 77 for all possible configurations.
VGEN3EN
4
–
0x00
Enables or Disables VGEN3 output
0 = OFF
1 = ON
VGEN3STBY
5
R/W
0x00
Set VGEN3 output state when in Standby. Refer
to Table 78.
VGEN3LPWR
6
R/W
0x00
Enable Low Power mode for VGEN3. Refer to
Table 78.
UNUSED
7
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com