Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 93Page - NXP Semiconductors MMPF0200Z Datasheet HTML 94Page - NXP Semiconductors MMPF0200Z Datasheet HTML 95Page - NXP Semiconductors MMPF0200Z Datasheet HTML 96Page - NXP Semiconductors MMPF0200Z Datasheet HTML 97Page - NXP Semiconductors MMPF0200Z Datasheet HTML 98Page - NXP Semiconductors MMPF0200Z Datasheet HTML 99Page - NXP Semiconductors MMPF0200Z Datasheet HTML 100Page - NXP Semiconductors MMPF0200Z Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
97
PF0200Z
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
0F
INTMASK3
R/W
8'b1000_0001
OTP_ECCM
–
–
–
–
–
–
SWBSTFAULTM
10
0
0
0
0
0
1
10
INTSENSE3
R
8'b0000_000x
OTP_ECCS
–
–
–
–
–
–
SWBSTFAULTS
00
0
0
0
0
0
x
11
INTSTAT4
RW1C 8'b0000_0000
––
VGEN6FAULTI VGEN5FAULTI VGEN4FAULTI VGEN3FAULTI VGEN2FAULTI
VGEN1FAULTI
00
0
0
0
0
0
0
12
INTMASK4
R/W
8'b0011_1111
––
VGEN6
FAULTM
VGEN5
FAULTM
VGEN4
FAULTM
VGEN3
FAULTM
VGEN2
FAULTM
VGEN1
FAULTM
00
1
1
1
1
1
1
13
INTSENSE4
R
8'b00xx_xxxx
––
VGEN6
FAULTS
VGEN5
FAULTS
VGEN4
FAULTS
VGEN3
FAULTS
VGEN2
FAULTS
VGEN1
FAULTS
00
x
x
x
x
x
x
1A
COINCTL
R/W
8'b0000_0000
––
–
–
COINCHEN
VCOIN[2:0]
00
0
0
0
0
0
0
1B
PWRCTL
R/W
8'b0001_0000
REGSCPEN
STANDBYINV
STBYDLY[1:0]
PWRONBDBNC[1:0]
PWRONRSTEN
RESTARTEN
00
0
1
0
0
0
0
1C
MEMA
R/W
8'b0000_0000
MEMA[7:0]
00
0
0
0
0
0
0
1D
MEMB
R/W
8'b0000_0000
MEMB[7:0]
00
0
0
0
0
0
0
1E
MEMC
R/W
8'b0000_0000
MEMC[7:0]
00
0
0
0
0
0
0
1F
MEMD
R/W
8'b0000_0000
MEMD[7:0]
00
0
0
0
0
0
0
20
SW1ABVOLT
R/W/M 8'b00xx_xxxx
––
SW1AB[5:0]
00
x
x
x
x
x
x
21
SW1ABSTBY
R/W
8'b00xx_xxxx
––
SW1ABSTBY[5:0]
00
x
x
x
x
x
x
22
SW1ABOFF
R/W
8'b00xx_xxxx
––
SW1ABOFF[5:0]
00
x
x
x
x
x
x
23
SW1ABMODE
R/W
8'b0000_1000
––
SW1ABOMODE
–
SW1ABMODE[3:0]
00
0
0
1
0
0
0
24
SW1ABCONF
R/W
8'bxx00_xx00
SW1ABDVSSPEED[1:0]
SW1BAPHASE[1:0]
SW1ABFREQ[1:0]
–
SW1ABILIM
xx
0
0
x
x
0
0
35
SW2VOLT
R/W
8'b0xxx_xxxx
–
SW2[6:0]
0x
x
x
x
x
x
x
Table 120. Functional Page (continued)
BITS[7:0]
Add
Register
Name
R/W
Default
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com