Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 16Page - NXP Semiconductors MMPF0200Z Datasheet HTML 17Page - NXP Semiconductors MMPF0200Z Datasheet HTML 18Page - NXP Semiconductors MMPF0200Z Datasheet HTML 19Page - NXP Semiconductors MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Start-up
Figure 6. Default Start-up Sequence
VGEN6_SEQ
3
PU CONFIG, SEQ_CLK_SPEED
1.0 ms
PU CONFIG, SWDVS_CLK
6.25 mV/
s
PU CONFIG, PWRON
Level sensitive
SW1AB CONFIG
SW1AB Single Phase, 2.0 MHz
SW2 CONFIG
2.0 MHz
SW3A CONFIG
SW3AB Single Phase, 2.0 MHz
SW3B CONFIG
2.0 MHz
PG EN
RESETBMCU in Default Mode
Table 8. Start-up Configuration (continued)
Registers
Default Configuration
All Devices
UVDET
LICELL
VIN
VSNVS
PWRON
SW1A/B
SW2
VGEN2
SW3A/B
VREFDDR
VGEN4
VGEN5
VGEN6
RESETBMCU
tD1
tD3
tD4
tD4
tR1
tR3
tR3
tR3
tD5
tR4
tR2
tD2
1V
*VSNVS will start from 1.0 V if LICELL is valid before VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com