Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors MMPF0200Z Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
16 MHz and 32 kHz Clocks
6.1.5
Programming OTP Fuses
The parameters that can be programmed are shown in the TBBOTP registers in the Extended Page 1 of the register map. The
PF0200Z offers ECC, the control registers for which functions are located in Extended Page 2 of the register map. There are ten
banks of twenty-six fuses, each that can be programmed.
6.2
16 MHz and 32 kHz Clocks
There are two clocks: a trimmed 16 MHz, RC oscillator and an untrimmed 32 kHz, RC oscillator. The 16 MHz oscillator is
specified within -8.0/+8.0%. The 32 kHz untrimmed clock is only used in the following conditions:
• VIN < UVDET
• All regulators are in SLEEP mode
• All regulators are in PFM switching mode
A 32 kHz clock, derived from the 16 MHz trimmed clock, is used when accurate timing is needed under the following conditions:
• During start-up, VIN > UVDET
• PWRON_CFG = 1, for power button debounce timing
In addition, when the 16 MHz is active in the ON mode, the debounce times in Table 25 are referenced to the 32 kHz derived
from the 16 MHz clock. The exceptions are the LOWVINI and PWRONI interrupts, which are referenced to the 32 kHz untrimmed
clock.
6.2.1
Clock adjustment
The 16 MHz clock and hence the switching frequency of the regulators, can be adjusted to improve the noise integrity of the
system. By changing the factory trim values of the 16MHz clock, the user may add an offset as small as
3.0% of the nominal
frequency.
Table 14. Source of Start-up Sequence
VDDOTP(V)
TBB_POR FUSE_POR_XOR
Start-up Sequence
0
0
0
None
0
0
1
OTP fuses
0
1
x
TBBOTP registers
1.5
x
x
Factory defined
Table 15. 16 MHz Clock Specifications
TA = -40 to 85 °C, VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V and typical external component values. Typical values are
characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
Operating Voltage From VIN
VIN16MHz
2.8
–
4.5
V
16 MHz Clock Frequency
f16MHZ
14.7
16
17.3
MHz
2.0 MHz Clock Frequency (24)
f2MHZ
1.84
–
2.16
MHz
Notes
24.
2.0 MHz clock is derived from the 16 MHz clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com