Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 88Page - NXP Semiconductors MMPF0200Z Datasheet HTML 89Page - NXP Semiconductors MMPF0200Z Datasheet HTML 90Page - NXP Semiconductors MMPF0200Z Datasheet HTML 91Page - NXP Semiconductors MMPF0200Z Datasheet HTML 92Page - NXP Semiconductors MMPF0200Z Datasheet HTML 93Page - NXP Semiconductors MMPF0200Z Datasheet HTML 94Page - NXP Semiconductors MMPF0200Z Datasheet HTML 95Page - NXP Semiconductors MMPF0200Z Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
Analog Integrated Circuit Device Data
92
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
Table 105. Register INTMASK1 - ADDR 0x09
Name
Bit #
R/W
Default
Description
SW1AFAULTM
0
R/W
1
SW1A Overcurrent interrupt mask bit
SW1BFAULTM
1
R/W
1
SW1B Overcurrent interrupt mask bit
RSVD
2
R/W
1
Reserved
SW2FAULTM
3
R/W
1
SW2 Overcurrent interrupt mask bit
SW3AFAULTM
4
R/W
1
SW3A Overcurrent interrupt mask bit
SW3BFAULTM
5
R/W
1
SW3B Overcurrent interrupt mask bit
RSVD
6
R/W
1
Reserved
UNUSED
7
–
0
Unused
Table 106. Register INTSENSE1 - ADDR 0x0A
Name
Bit #
R/W
Default
Description
SW1AFAULTS
0
R
0
SW1A Overcurrent sense bit
0 = Normal operation
1 = Above current limit
SW1BFAULTS
1
R
0
SW1B Overcurrent sense bit
0 = Normal operation
1 = Above current limit
RSVD
2
R
0
Reserved
SW2FAULTS
3
R
0
SW2 Overcurrent sense bit
0 = Normal operation
1 = Above current limit
SW3AFAULTS
4
R
0
SW3A Overcurrent sense bit
0 = Normal operation
1 = Above current limit
SW3BFAULTS
5
R
0
SW3B Overcurrent sense bit
0 = Normal operation
1 = Above current limit
RSVD
6
R
0
Reserved
UNUSED
7
–
0
Unused
Table 107. Register INTSTAT3 - ADDR 0x0E
Name
Bit #
R/W
Default
Description
SWBSTFAULTI
0
R/W1C
0
SWBST overcurrent limit interrupt bit
UNUSED
6:1
–
0x00
Unused
OTP_ECCI
7
R/W1C
0
OTP error interrupt bit
Table 108. Register INTMASK3 - ADDR 0x0F
Name
Bit #
R/W
Default
Description
SWBSTFAULTM
0
R/W
1
SWBST overcurrent limit interrupt mask bit
UNUSED
6:1
–
0x00
Unused
OTP_ECCM
7
R/W
1
OTP error interrupt mask bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com