Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 29Page - NXP Semiconductors MMPF0200Z Datasheet HTML 30Page - NXP Semiconductors MMPF0200Z Datasheet HTML 31Page - NXP Semiconductors MMPF0200Z Datasheet HTML 32Page - NXP Semiconductors MMPF0200Z Datasheet HTML 33Page - NXP Semiconductors MMPF0200Z Datasheet HTML 34Page - NXP Semiconductors MMPF0200Z Datasheet HTML 35Page - NXP Semiconductors MMPF0200Z Datasheet HTML 36Page - NXP Semiconductors MMPF0200Z Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
Figure 9 shows a simplified power map with various recommended options to supply the different block within the PF0200Z, as
well as the typical application voltage domain on the i.MX 6 application processors. Note that each application power tree is
dependent upon the system’s voltage and current requirements, therefore a proper input voltage should be selected for the
regulators.
The minimum operating voltage for the main VIN supply is 2.8 V, for lower voltages proper operation is not guaranteed. However
at initial power up, the input voltage must surpass the rising UVDET threshold before proper operation is guaranteed. Refer to
the tables and text specifying each supply for information on performance metrics and operating ranges. Table 27 summarizes
the UVDET thresholds.
Table 26. Power Tree Summary
Supply
Output Voltage (V)
Step Size (mV)
Maximum Load Current (mA)
SW1A/B
0.3 - 1.875
25
2500
SW2
0.4 - 3.3
25/50
1500
SW3A/B
0.4 - 3.3
25/50
1250(36)
SWBST
5.00/5.05/5.10/5.15
50
600
VGEN1
0.80 – 1.55
50
100
VGEN2
0.80 – 1.55
50
250
VGEN3
1.8 – 3.3
100
100
VGEN4
1.8 – 3.3
100
350
VGEN5
1.8 – 3.3
100
100
VGEN6
1.8 – 3.3
100
200
VSNVS
1.0 - 3.0
NA
0.4
VREFDDR
0.5*SW3A_OUT
NA
10
Notes
36.
Current rating per independent phase, when SW3A/B is set in single phase, current capability is up to
2500 mA.
Table 27. UVDET Threshold
UVDET Threshold
VIN
Rising
3.1 V
Falling
2.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com