Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 15Page - NXP Semiconductors MMPF0200Z Datasheet HTML 16Page - NXP Semiconductors MMPF0200Z Datasheet HTML 17Page - NXP Semiconductors MMPF0200Z Datasheet HTML 18Page - NXP Semiconductors MMPF0200Z Datasheet HTML 19Page - NXP Semiconductors MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
PF0200Z
Functional Block Requirements and Behaviors
Start-up
6
Functional Block Requirements and Behaviors
6.1
Start-up
The PF0200Z can be configured to start-up from either the internal OTP configuration, or with a hard-coded configuration built
into the device. The internal hard-coded configuration is enabled by connecting the VDDOTP pin to VCOREDIG through a
100 kohm resistor. The OTP configuration is enabled by connecting VDDOTP to GND.
For NP devices, selecting the OTP configuration causes the PF0200Z to not start-up. However, the PF0200Z can be controlled
through the I2C port for prototyping and programming. Once programmed, the NP device will startup with the customer
programmed configuration.
6.1.1
Device Start-up Configuration
Table 8 shows the Default Configuration which can be accessed on all devices as described previously.
Table 8. Start-up Configuration
Registers
Default Configuration
All Devices
Default I2C Address
0x08
VSNVS_VOLT
3.0 V
SW1AB_VOLT
1.375 V
SW1AB_SEQ
1
SW2_VOLT
3.0 V
SW2_SEQ
2
SW3A_VOLT
1.5 V
SW3A_SEQ
3
SW3B_VOLT
1.5 V
SW3B_SEQ
3
SWBST_VOLT
-
SWBST_SEQ
-
VREFDDR_SEQ
3
VGEN1_VOLT
-
VGEN1_SEQ
-
VGEN2_VOLT
1.5 V
VGEN2_SEQ
2
VGEN3_VOLT
-
VGEN3_SEQ
-
VGEN4_VOLT
1.8 V
VGEN4_SEQ
3
VGEN5_VOLT
2.5 V
VGEN5_SEQ
3
VGEN6_VOLT
2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com