Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 56 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 56 Page - ams AG

Back Button AS3722 Datasheet HTML 52Page - ams AG AS3722 Datasheet HTML 53Page - ams AG AS3722 Datasheet HTML 54Page - ams AG AS3722 Datasheet HTML 55Page - ams AG AS3722 Datasheet HTML 56Page - ams AG AS3722 Datasheet HTML 57Page - ams AG AS3722 Datasheet HTML 58Page - ams AG AS3722 Datasheet HTML 59Page - ams AG AS3722 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 198 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Long ONKEY Press
When applying a high level on the ONKEY input pin for 2s/4s/8s
(depending on on_shutdown_delay) a power_off is initiated.
With the bit onkey_lpress_reset = 1 the chip will generate a reset
cycle. This is thought as a safety feature when the SW hangs up
and no watchdog is used.
Powering down of the regulators can be done immediately or
according to the power-off sequence depending on the
em_shutdown_direct OTP bit.
Figure 54:
ONKEY Longpress Behavior
ONKEY Longpress Behavior: Shows the selectable options for behaving on a long pressReset and Power-Off
Sequence
The regulator power-down sequence is inverted to the
power-up sequence programmed in the OTP. It can be slightly
modified by setting or clearing the sdX_sequ_on and
ldoX_sequ_on bits. The bit is set automatically for all the
regulators defined in the OTP start-up sequence.
• Regulators which have the corresponding sequ_on bit
cleared will be shut down before the power-down
sequence starts.
• Regulators which have the bit set and are in the power-up
sequence of the OTP will shut down in an inverted order.
• Regulators which have the bit set and are not part of the
power-up sequence will shut down after the sequence has
been completed
onkey_lpress_reset
onkey_shutdown_delay
Longpress Behavior
0
00
long press feature disabled
0
01
power_off after 2s long press delay
0
10
power_off after 4s long press delay
0
11
power_off after 8s long press delay
1
00
long press feature disabled
1
01
reset_cycle after 2s long press delay
1
10
reset_cycle after 4s long press delay
1
11
reset_cycle after 8s long press delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com