Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 55 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 55 Page - ams AG

Back Button AS3722 Datasheet HTML 51Page - ams AG AS3722 Datasheet HTML 52Page - ams AG AS3722 Datasheet HTML 53Page - ams AG AS3722 Datasheet HTML 54Page - ams AG AS3722 Datasheet HTML 55Page - ams AG AS3722 Datasheet HTML 56Page - ams AG AS3722 Datasheet HTML 57Page - ams AG AS3722 Datasheet HTML 58Page - ams AG AS3722 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 198 page
background image
ams Datasheet
Page 55
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Power Off
To put the chip into ultralow power mode, write ‘1’ into
power_off. The chip stays in power off mode until he gets a
wakeup signal from either the ONKEY, LID or the AC_OK pin or
from the RTC. For more details see the start-up flowchart (see
Start-up Flow Chart). The bit power_off is automatically cleared
by this reset cycle. During power_off state all circuits are
shut-off except the Low Power LDO (V2_5) and the RTC
oscillator (if enabled). Thus the current consumption of AS3722
is reduced to less than 10μA. The digital part is supplied by
V2_5, all other circuits are turned off in this mode, including
references and oscillator. Except the reset control registers all
other registers are set to their default value after power-on.
Software Forced Reset
Writing ‘1’ into the register bit force_reset immediately starts a
reset cycle. The bit force_reset is automatically cleared by this
reset.
External Triggered Reset
If the pin XRES_IN is pulled from high to low by an external
source (e.g. microprocessor or button) a reset cycle is started
as well.
Over-Temperature Reset
The reset cycle can be started by over-temperature conditions.
(see chapter Supervisor)
Watchdog Reset
If the watchdog is armed (register bit wtdg_on = 1 and
wtdg_res_on= 1) and the timer expires it causes a reset. (see
chapter Watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com