Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 31 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 31 Page - ams AG

Back Button AS3722 Datasheet HTML 27Page - ams AG AS3722 Datasheet HTML 28Page - ams AG AS3722 Datasheet HTML 29Page - ams AG AS3722 Datasheet HTML 30Page - ams AG AS3722 Datasheet HTML 31Page - ams AG AS3722 Datasheet HTML 32Page - ams AG AS3722 Datasheet HTML 33Page - ams AG AS3722 Datasheet HTML 34Page - ams AG AS3722 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 198 page
background image
ams Datasheet
Page 31
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 24:
SD1 DC/DC Buck Controller 8A Block Diagram
SD1 DC/DC Buck Controller: Shows basic connection of the SD1 controller to the external power stage (AS3728)
for 8A output current.
Step-Down controller SD6 can be used in a special mode using
2 phases with 2 power stages which provides up to 12Arms but
requires coils capable of supporting 6Arms each.
Figure 25:
SD6 DC/DC Buck Controller 16A Block Diagram
SD6 DC/DC Buck Controller: Shows basic connection of the SD6 controller to two external power stages
(AS3729B) for 16A output current.
SD
controller
HVSUP
TEMP
CTRL1
5VSUP
CTRL2
BOOST1
LX 2
BOOST2
LX1
PVSS
PVSS
1uH
1uH
FB_SDx
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx
Vout (0.6-1.5V@8A)
DVM, 10mV steps
100nF
100nF
47uF
HVSUP
10uF
10uF
1uF
optional
47uF
AS3728
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
0.47uH
0.47uH
FB_SDx
Vout (0.8-2.07V@16A)
DVM, 10mV steps
47uF
VSUP
10uF
47uF
AS3729B
SD
controller
TEMP1_SDx
CTRL2_SDx
CTRL1_SDx
FB_SDx
VSUP
10uF
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
0.47uH
0.47uH
47uF
VSUP
10uF
47uF
AS3729B
VSUP
10uF
TEMP2_SDx
PVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com