Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 16 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 16 Page - ams AG

Back Button AS3722 Datasheet HTML 12Page - ams AG AS3722 Datasheet HTML 13Page - ams AG AS3722 Datasheet HTML 14Page - ams AG AS3722 Datasheet HTML 15Page - ams AG AS3722 Datasheet HTML 16Page - ams AG AS3722 Datasheet HTML 17Page - ams AG AS3722 Datasheet HTML 18Page - ams AG AS3722 Datasheet HTML 19Page - ams AG AS3722 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 198 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 8:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT
Battery Voltage
2.5
3.6
30
V
VSUPx
Supply Voltage
2.5
3.6
5.5
V
VBAT_BKUP
Backup-Battery
Voltage
2.5
3
3.6
V
VDD_GPIO_lv
Alternative GPIO
Supply Voltage
1.7
1.8
3.6
V
VINLDO0
Supply Voltage for
LDO0
1.15
3.6
5.5
V
VINLDO1-11
Supply Voltage for
LDO1 to LDO11
1.7
3.6
5.5
V
VINLDO3_LV
Supply Voltage for
LDO3 NMOS
1.2
3.6V
V
VINLDO3_SW
Supply Voltage for
LDO3 switch
0.6
1.5V
V
V2_5
Voltage on Pin V2_5
2.4
2.5
2.6
V
Iquiescent
Quiescent current
@ VSUPx = 3.8V, no
regulator enabled only
V2_5 on, digital part,
bias and references
running
310
μA
Ilow_power1
Low Power current
as above but,
low_power=1
265
μA
Ilow_power2
Low Power current
As above, but
low_power=1; clk_div=1
160
μA
Ipower_off
Power-Off current
All regulators off
V2_5 on
10
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com