Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 29 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 29 Page - ams AG

Back Button AS3722 Datasheet HTML 25Page - ams AG AS3722 Datasheet HTML 26Page - ams AG AS3722 Datasheet HTML 27Page - ams AG AS3722 Datasheet HTML 28Page - ams AG AS3722 Datasheet HTML 29Page - ams AG AS3722 Datasheet HTML 30Page - ams AG AS3722 Datasheet HTML 31Page - ams AG AS3722 Datasheet HTML 32Page - ams AG AS3722 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 198 page
background image
ams Datasheet
Page 29
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 21:
DC/DC Buck Converter External Components
DC/DC Buck Converter External Components: Shows the external component parameter of the internal DC/DC
buck converters
Figure 22:
DC/DC Buck SD2 Efficiency vs. Output Current
DC/DC Buck SD2 Efficiency: Shows efficiency of the internal SD2 buck converter @ 1.0V, 1,2V, 1.8V, 2,5V& 3.0V
with VSUP=3.8V, 3MHz operation and TA=25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CFB_SD2
Output capacitor
Ceramic X5R or X7R
27
μF
Output capacitor,
sd2_fast=1
Ceramic X5R or X7R
54
μF
CFB_SD3
Output capacitor
Ceramic X5R or X7R
12
μF
Output capacitor,
sd3_fast=1
Ceramic X5R or X7R
27
μF
CFB_SD4-5
Output capacitor
Ceramic X5R or X7R
8
μF
Output capacitor
sd4_fast=1 or
sd5_fast=1
Ceramic X5R or X7R
18
μF
CVSUP_SD2
Input capacitor
Ceramic X5R or X7R
7
μF
CVSUP_SD3
Input capacitor
Ceramic X5R or X7R
3.5
μF
CVSUP_SD4-5
Input capacitor
Ceramic X5R or X7R
2.2
μF
LSD2-SD5
Inductor
0.5
1
μH
LSD2-SD3
Inductor
VOUT<=1.8V
0.3
0.47
μH
40
45
50
55
60
65
70
75
80
85
90
95
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.2V
Vout = 1.2V, low noise
Vout = 2.5V
Vout = 2.5V, low noise
40
45
50
55
60
65
70
75
80
85
90
95
0,001
0,01
0,1
1
10
Output Current (A)
Vout = 1.0V
Vout = 1.0V, low noise
Vout = 1.8V
Vout = 1.8V, low noise
Vout = 3.0V
Vout = 3.0V, low noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com