Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 23 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 23 Page - ams AG

Back Button AS3722 Datasheet HTML 19Page - ams AG AS3722 Datasheet HTML 20Page - ams AG AS3722 Datasheet HTML 21Page - ams AG AS3722 Datasheet HTML 22Page - ams AG AS3722 Datasheet HTML 23Page - ams AG AS3722 Datasheet HTML 24Page - ams AG AS3722 Datasheet HTML 25Page - ams AG AS3722 Datasheet HTML 26Page - ams AG AS3722 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 198 page
background image
ams Datasheet
Page 23
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Bit settings: sdX_low_noise=0
In this mode there is a minimum coil current necessary before
switching off the PMOS. As a result there are less pulses
necessary at low output loads, and therefore the efficiency at
low output load is increased. As drawback this mode increases
the ripple up to higher output currents.
The crossover point to power save operation is already reached
at reasonable high output currents (~10% of the DCDC current
limit).
Figure 13:
DC/DC Buck Dis-Continuous Mode & High Efficiency 1/2
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of for SD5 at about 60mA with the
low_noise bit deactivated.
Figure 14:
DC/DC Buck Dis-Continuous Mode & High Efficiency 2/2
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of for SD5 at about 10mA with the
low_noise bit deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com