Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 83 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 83 Page - ams AG

Back Button AS3722 Datasheet HTML 79Page - ams AG AS3722 Datasheet HTML 80Page - ams AG AS3722 Datasheet HTML 81Page - ams AG AS3722 Datasheet HTML 82Page - ams AG AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG AS3722 Datasheet HTML 85Page - ams AG AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 198 page
background image
ams Datasheet
Page 83
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Figure 79:
I2C Current Address Read
I2C Current Address Read: Shows the format of an I2C current address read access.
To keep the access time as small as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes has to be responded with an
acknowledge from the master. For termination of the
transmission the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
I2C Parameter
Figure 80:
I2C Characteristics
I2C Characteristic: Shows the key electrical parameter of the I2C interface.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
SCL,SDA Low Level input voltage
-0.3
0.4
V
VIH
SCL,SDA High Level input voltage
1.4
VSUP_
GPIO
V
VOH
High-Level Output Voltage
at -2.0mA
0.8x
VDD_
GPIO_lv
V
VOL
Low-Level Output Voltage
at 2.0mA
0.2x
VDD_
GPIO_lv
V
CLOAD
Capacitive Load
FS mode
400
pF
HS mode
100
pF
RPULLUP
Internal pull-up to VDD_GPIO_lv
SCL, SDA =2V,
VDD_GPIO_LV=3V
1.5
2.9
kΩ
external pull-up
HS mode
1
kΩ
S
DR
A data 1 A data 2 A
...
data n
RA++
RA++
RA++
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com