Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 48 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 48 Page - ams AG

Back Button AS3722 Datasheet HTML 44Page - ams AG AS3722 Datasheet HTML 45Page - ams AG AS3722 Datasheet HTML 46Page - ams AG AS3722 Datasheet HTML 47Page - ams AG AS3722 Datasheet HTML 48Page - ams AG AS3722 Datasheet HTML 49Page - ams AG AS3722 Datasheet HTML 50Page - ams AG AS3722 Datasheet HTML 51Page - ams AG AS3722 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 198 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Start-Up
Figure 48:
Start-Up Flow Chart 1/2
Start-Up Flow Chart 1/2: Shows the main state transitions during start-up
Detailed Descriptions-
System Functions
Start-Up
VBAT rising
1. V2 _5 power up
2. Readout ROM fuse
wait 200ms for RTC startup ,
if RTC_ON =1
skip with any I 2C command
auto _off=1
POWER OFF state
V2_ 5 power up
RTC running if enabled
Quiescent current < 10uA
Pin ONKEY, LID, AC_OK
debounce time=20 msec
Y
Exit power _off state ,
if vbat_is_alive=1
only
ONKEY=1 OR
RTC alarm OR
(LID =1 and lid _pwr_on and li _rising_en=0)
OR (lid_rise/fall and lid _pwr_on=1) OR
OR (ac_ok_rise/fall and ac _ok_pwr_on=1) OR
(AC _OK=1 and ac _ok _pwr_on and
ac_ok_rising_en=0)
OR RTC wakeup
bg_pd is 1 if
vbat_is_alive=0
N
Die Temp > 110°C
OR THERM =1
VSUP debounce state
Measuring VSUP , VBAT
Quiesent current ~200uA
N
N
Y
NOBAT state
vbat_is not alive
vbat_is_alive
VBAT >ResVoltRise
&
VSUP>VSUP_min
auto _off=1 or
power _off_at_vsuplow =1
N
N
ON=1 or AC_OK=1
N
Y
VBAT <ResVoltFall
or VSUP <VSUP_min for
more than 500ms
Y
N
Y
DCDC calibrate
calibrate currentsense
of SD0, SD1 and SD6
VBAT <ResVoltRise
or
VSUP<VSUP_min
once during calibrate
Y
Y
wait 1ms
2
1
3
N
Run startup sequence
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com