Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 9 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 9 Page - ams AG

Back Button AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG AS3722 Datasheet HTML 11Page - ams AG AS3722 Datasheet HTML 12Page - ams AG AS3722 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 198 page
background image
ams Datasheet
Page 9
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Pin Assignment
D5
D8
GPIO2
DIO
General purpose
input/output pin
VSUP
Open
E4
C9
GPIO3
DIO
General purpose
input/output pin
VSUP
Open
B3
B10
GPIO4
DIO
General purpose
input/output pin
VSUP
Open
C2
A11
GPIO5
DIO
General purpose
input/output pin
VSUP
Open
B4
F7
GPIO6
DIO
General purpose
input/output pin
VSUP
Open
D2
B12
GPIO7
DIO
General purpose
input/output pin
VSUP
Open
H2
D12
V2_5
AO
Output voltage of low
power LDO V2_5
3.6V
Mandatory
J4
E11
CREF
AIO
Bypass capacitor for the
internal voltage reference;
connect 100nF
V2_5
Mandatory
J2
F11
RBIAS
AIO
External resistor; always
connect a resistor of 220kΩ
(±1%) to VSSA
V2_5
Mandatory
H4
VBAT_BKUP
AIO
Backup battery input
3.6V
Open
A1
G7
VSSA
AIO
Analog GND input
-
Mandatory
A14
G6
VSSA
AIO
Analog GND input
-
Mandatory
J7
E6
VSSA
AIO
Analog GND input
-
Mandatory
P1
F9
VSSA
AIO
Analog GND input
-
Mandatory
P14
VSSA
AIO
Analog GND input
-
Mandatory
F7
VSSA
AIO
Analog GND input
-
Mandatory
D1
B11
CLK32K
DO
32kHz clk output push/pull
to VDD_GPIO_lv
VSUP
Open
G1
E10
XIN32K
AIO
Connect to 32kHz crystal
oscillator
V2_5
Open
G2
E9
XOUT32K
AIO
Connect to 32kHz crystal
oscillator
V2_5
Open
K4
GNDSENSE
AIO
Analog sense GND input
(connect to VSSA on
WL-CSP)
-Mandatory
Pin Number
Pin Name
I/O
Description
Maximum
Voltage
If Not Used
CTBGA
WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com