Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 72 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 72 Page - ams AG

Back Button AS3722 Datasheet HTML 68Page - ams AG AS3722 Datasheet HTML 69Page - ams AG AS3722 Datasheet HTML 70Page - ams AG AS3722 Datasheet HTML 71Page - ams AG AS3722 Datasheet HTML 72Page - ams AG AS3722 Datasheet HTML 73Page - ams AG AS3722 Datasheet HTML 74Page - ams AG AS3722 Datasheet HTML 75Page - ams AG AS3722 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 198 page
background image
Page 72
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Watchdog
Description
The purpose of the watchdog is to detect a deadlock of the
software. If the watchdog is active, it must receive a continuous
trigger signal within a programmable time window. If there is
no signal anymore for a certain time period from a defined pad
or special serial interface bit, it starts either a complete reset
cycle or initiates the power off sequence.
The watchdog is highly configurable by the following register
bits:
• The complete block can be switched on by wtdg_on = 1
and off by wtdg_on = 0.
• The watchdog time window is defined by the register
wtdg_timer between 1s and 128s.
• The trigger signal can be either triggered by setting
wtdg_sw_sig or using a HW signal on one of the GPIO pins
(gpioX_iosf=9).
• If the watchdog expires, the system waits another second
before reacting according to wtdg_mode (OTP setting)
• 0: interrupt 8s before the watchdog expires, only if the
interrupt is not masked
• 1: reset_cycle with re-start
• 2: power_off
• 3: reset_cycle with re-start up to two times, if the
watchdog expires a third time the systems goes into
power_off
• Whether the watchdog caused a reset can be seen in the
reset_reason.
Figure 68:
Watchdog Timing
Watchdog Timing: Shows the basic timing relations of the watchdog counter and related signals.
n-1
n
n-2
n
n-1
9
8
0
0
watchdog
counter
counter set to n
seconds
counter reset by
setting bit
wtdg_sw_sig
wdtg_sw_sig
XINT
2
1
interrupt triggered
if enalbed
watchdog expires
action according
to wtdg_mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com