Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 84 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 84 Page - ams AG

Back Button AS3722 Datasheet HTML 80Page - ams AG AS3722 Datasheet HTML 81Page - ams AG AS3722 Datasheet HTML 82Page - ams AG AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG AS3722 Datasheet HTML 85Page - ams AG AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG AS3722 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 198 page
background image
Page 84
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
The AS3722 is compatible to the NXP two wire specification
http://www.nxp.com/documents/user_manual/UM10204.pdf
Version 4.0 Feb 2012 for standard mode, fast mode, fast mode
plus and high speed mode (up to 2.7MHz for sequential reads).
SPI Protocol
Figure 81:
SPI Single Write
SPI Single Write: Shows the timing of an SPI single write access.
Figure 82:
SPI Single Read
SPI Single Read: Shows the timing of an SPI single write read.
Data is captured at the falling edge of SCLK and written to SDO
at the falling edge of SCLK. The maximum clock rate is 10MHz.
10MHz max.
SDO
SCSB
SDI
1
0
RW
0
0
A7
X
A6 A5
A4
A3
A2
A1
A0
X
X
X
X
B
D7 D6
D5
D4
D3
D2
D1 D0
X
0
SCLK
SPI interface single write
X
XX
X
X
XX
X
0
8
16
24
31
SCLK
SPI interface single read
SDO
SCSB
SDI
RW
0
0
0
0
A7
X
A6 A5
A4
A3
A2
A1
A0
X
X
X
X
D7 D6
D5
D4
D3
D2
D1 D0
X
X
B
0
10MHz max.
0
8
16
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com