Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 46 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 46 Page - ams AG

Back Button AS3722 Datasheet HTML 42Page - ams AG AS3722 Datasheet HTML 43Page - ams AG AS3722 Datasheet HTML 44Page - ams AG AS3722 Datasheet HTML 45Page - ams AG AS3722 Datasheet HTML 46Page - ams AG AS3722 Datasheet HTML 47Page - ams AG AS3722 Datasheet HTML 48Page - ams AG AS3722 Datasheet HTML 49Page - ams AG AS3722 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 198 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
Backup Battery Charger
Description
The backup battery charger operates as a programmable
voltage limited current source with a selectable output resistor.
It is enabled by setting BBCMode in the Backup Battery Charger
register to a value other than ‘00’b and offers the following
features:
• Backup battery presence detection
• Selectable output resistor (RBBCOUT) to reduce the current
at higher voltages
• Programmable charge current IBBC
• Programmable maximum charging voltage VBBC
• Reverse current protection turns off backup battery
charger automatically if VSUP<VVBAT_BKUP; as soon as VSUP
exceeds VVBAT_BKUP charging is started again
automatically
• Charging is stopped automatically as soon as the backup
battery is fully charged; if the voltage on pin VBAT_BKUP
drops charging is started again automatically
• In case the main supply voltage VSUP or VBAT is larger than
VBAT_BKUP charging of the backup battery is possible in
state “Off ” as well; the device will check VVBAT_BKUP every
minute to determine if charging is required.
Figure 46:
Backup Battery Charger Block Diagram
Backup Battery Charger Block Diagram: Shows the internal structure of the charger for the backup battery.
Voltage limited
Current Source
VBAT_BKUP
Digital Control
VSUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com