Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 41 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 41 Page - ams AG

Back Button AS3722 Datasheet HTML 37Page - ams AG AS3722 Datasheet HTML 38Page - ams AG AS3722 Datasheet HTML 39Page - ams AG AS3722 Datasheet HTML 40Page - ams AG AS3722 Datasheet HTML 41Page - ams AG AS3722 Datasheet HTML 42Page - ams AG AS3722 Datasheet HTML 43Page - ams AG AS3722 Datasheet HTML 44Page - ams AG AS3722 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 198 page
background image
ams Datasheet
Page 41
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
LDO Regulators
Description
11 universal IO range LDOs offer a wide input (1.7V to 5.5V) as
well as a wide output (0.8 to 3.3V) voltage range to be used for
general purpose peripheral supply. LDO3 is intended to be used
for tracking the output voltage of SD1 or SD6, step-size and
range are matching those of SD1 and SD6.
The extended input range LDO (LDO0) can work down to 1.15V
on the input side, to be used as a post regulator after a DCDC
with low output voltage (e.g. 1.2V). Up to 300mA possible
output currents are offered with good noise and regulation
performance and very low quiescent current even suitable for
stand-by power supply.
Figure 38:
Universal IO LDO Block Diagram
Universal IO LDO Block Diagram:
Shows the internal structure of the
PMOS linear regulators.
PMOS
Power
Device
0.6
VIN_LDOx
Error
Amplifier
LDOx
VSS
Vref
1.6V or 0.8V
low noise
CLOAD_LDOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com