Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 35 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 35 Page - ams AG

Back Button AS3722 Datasheet HTML 31Page - ams AG AS3722 Datasheet HTML 32Page - ams AG AS3722 Datasheet HTML 33Page - ams AG AS3722 Datasheet HTML 34Page - ams AG AS3722 Datasheet HTML 35Page - ams AG AS3722 Datasheet HTML 36Page - ams AG AS3722 Datasheet HTML 37Page - ams AG AS3722 Datasheet HTML 38Page - ams AG AS3722 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 198 page
background image
ams Datasheet
Page 35
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Only in the case the load current gets so small that less than the
minimum on-time of the PMOS would be needed to keep the
loop in regulation the regulator will enter low power mode
operation. The crossover point is about ~1% of the DCDC
current limit.
High Efficiency Operation (Default Setting)
Bit settings: sdX_low_noise=0
In this mode there is a minimum coil current necessary before
switching off the PMOS. As a result there are less pulses
necessary at low output loads, and therefore the efficiency at
low output load is increased. As drawback this mode increases
the ripple up to a higher output current.
The crossover point to low power mode is already reached at
reasonable high output currents (~10% of the DCDC current
limit).
It’s possible to switch between these two modes during
operation.
Low Power Operation (sdX_low_power=1)
In this mode the controller is only running on a single phase.
Only one output stage of the external power stage is used to
reduce the power consumption for e.g. a stand-by mode
operation.
Power Save Operation (Automatically Controlled)
As soon as the output voltage stays above the desired target
value for a certain time, some internal blocks will be powered
down leaving the output floating to lower the power
consumption. Normal operation starts as soon as the output
drops below the target value for a similar amount of time. To
minimize the accuracy error some internal circuits are kept
powered to assure a minimized output voltage ripple.
Two addition guard bands, based on comparators, are set at
±5% of the target value to react quickly on large
over/under-shoots by immediately turning on the output
drivers without the normal time delays. This ensures a
minimized ripple also in very extreme load conditions.
Force PWM Mode Operation
Even in the case the load current gets so small that less than
the minimum on-time of the PMOS would be needed to keep
the loop in regulation the regulator will still stay on the fixed
switching frequency without entering low power mode. To
guarantee a stable output voltage also negative coil currents
are possible. This mode guarantees the lowest possible ripple
and a fixed frequency over all load conditions for powering
noise sensitive RF circuits, but is compromising on the
efficiency. The mode is enabled by setting sdX_force_pwm =1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com