Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 68 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 68 Page - ams AG

Back Button AS3722 Datasheet HTML 64Page - ams AG AS3722 Datasheet HTML 65Page - ams AG AS3722 Datasheet HTML 66Page - ams AG AS3722 Datasheet HTML 67Page - ams AG AS3722 Datasheet HTML 68Page - ams AG AS3722 Datasheet HTML 69Page - ams AG AS3722 Datasheet HTML 70Page - ams AG AS3722 Datasheet HTML 71Page - ams AG AS3722 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 198 page
background image
Page 68
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
AC_OK
Additional power_on input which is used to e.g. detect a
charger adapter.
With ac_ok_rising_en the detection can be switched between
edge and level, while ac_ok_pwr_on will disable/enable the
input. ac_ok_pwr can be used to check the status. An interrupt
can be generated on rising and falling edges.
In addition this input is also used to generate the OC_PG output.
LID
Additional power_on input which is used to e.g. detect the
open/close stated of the lid from a clam shell device.
With lid_rising_en the detection can be switched between edge
and level, while lid_pwr_on will disable/enable the input.
lid_pwr can be used to check the status. An interrupt can be
generated on rising and falling edges.
Output Pins
VBAT_ALARM (not de-bounced)
Will go high if VSUP falls below ResVoltFall and SupResEn = 0.
CLK32K
Dedicated pin for providing a 32kHz clock from the RTC
oscillator. The pin can be disabled with clk32out_en.
XINT
Dedicated pin for providing an active low output signal on any
enabled (un-masked) interrupt event. For XINT pin an internal
pull-up can be enabled to VDD_GPIO_lv (INT_pullup). This bit
also switches the output driver to open drain.
OC_PG
Is a dedicated output pin signaling over-current and power
good events of SD0 plus additional inputs (see block diagram
below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com