Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 13 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 13 Page - ams AG

Back Button AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG AS3722 Datasheet HTML 11Page - ams AG AS3722 Datasheet HTML 12Page - ams AG AS3722 Datasheet HTML 13Page - ams AG AS3722 Datasheet HTML 14Page - ams AG AS3722 Datasheet HTML 15Page - ams AG AS3722 Datasheet HTML 16Page - ams AG AS3722 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 198 page
background image
ams Datasheet
Page 13
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Pin Assignment
Pin Description: This table shows the pin description for the CTBGA as well as the WL-CSP package including
information of the I/O type, protection and handling if the function block is not used.
K14
G3
TEMP_SD1
AIO
Temperature control pin of
subdie1 for SD1
VSUP
Open
F11
G2
FB_SD6_P
AIO
Positive Feedback of SD6
3.6V
Open
G11
G1
FB_SD6_N
AIO
Negative Feedback of SD6
3.6V
Open
C13
C1
CTRL1_SD6
AIO
Bidirectional control pin of
SD6, phase 1
VSUP
Open
C14
D1
CTRL2_SD6
AIO
Bidirectional control pin of
SD6, phase 2
VSUP
Open
L14
H1
TEMP1_SD6
AIO
Temperature control pin of
subdie1 for SD6
VSUP
Open
L13
J1
TEMP2_SD6
AIO
Temperature control pin of
subdie2 for SD6
VSUP
Open
D9
C6
PWM_CLK1
DI
PWM input pin for DVM
control of SD0
VSUP
Define level
D10
C5
PWM_DAT1
DI
PWM input pin for DVM
control of SD0
VSUP
Define level
B11
B1
PWM_CLK2_
ADC1
DI
PWM input pin for DVM
control of SD6 or ADC input
pin
VSUP
Define level
B12
A1
PWM_DAT2_
ADC2
DI
PWM input pin for DVM
control of SD6 or ADC input
pin
VSUP
Define level
L7
D9
VBAT
S
High Voltage Supply pin for
RTC, and voltage detection
30V
Connect to
VSUP
L6
E8
EN5V
DO
Enable pin for external 5V
HV stepdown to supply
VSUP rails
V2_5
Open
Pin Number
Pin Name
I/O
Description
Maximum
Voltage
If Not Used
CTBGA
WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com