Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 18 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 18 Page - ams AG

Back Button AS3722 Datasheet HTML 14Page - ams AG AS3722 Datasheet HTML 15Page - ams AG AS3722 Datasheet HTML 16Page - ams AG AS3722 Datasheet HTML 17Page - ams AG AS3722 Datasheet HTML 18Page - ams AG AS3722 Datasheet HTML 19Page - ams AG AS3722 Datasheet HTML 20Page - ams AG AS3722 Datasheet HTML 21Page - ams AG AS3722 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 198 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Electrical Characteristics
Electrical Characteristics: VSUPx=+2.7V...+5.5V, TA = -40ºC...85ºC. Typical values are at VSUPx=+3.6V, TA= 25ºC,
unless otherwise specified.
GPIO Pin Characteristics
VIL
Low level input
voltage
digital input
-0.3
0.4
V
VIH
High level input
voltage
digital input
1.4
VVDD_G
PIO_lv or
VVSUP_
GPIO
V
VOL
Low level output
voltage
GPIO, IOL=+2mA; digital
output
0.2 x
VVDD_G
PIO_lv or
VVSUP_
GPIO
V
VOH
High level output
voltage
GPIO, IOH=–1mA; digital
push-pull output
0.8
xVVDD_GPIO
_lv or
VVSUP_GPIO
VVDD_G
PIO_lv or
VVSUP_
GPIO
V
ILEAKAGE
Leakage current
high impedance
10
μA
Rpull-up
Pull-up resistance
if enabled;
VSUP_GPIO=3.6V
300
k
Ω
Rpull-down
Pull-down resistance
if enabled;
VSUP_GPIO=3.6V
300
k
Ω
RNMOS
NMOS resistance
VSUP_GPIO>=3.3V
50
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com