Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 89 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 89 Page - ams AG

Back Button AS3722 Datasheet HTML 85Page - ams AG AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG AS3722 Datasheet HTML 88Page - ams AG AS3722 Datasheet HTML 89Page - ams AG AS3722 Datasheet HTML 90Page - ams AG AS3722 Datasheet HTML 91Page - ams AG AS3722 Datasheet HTML 92Page - ams AG AS3722 Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 198 page
background image
ams Datasheet
Page 89
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
27h
SD_phsw_ctrl
-
sd0_nph_min<5:3>
sd6_phsw_on
sd1_phsw_on
sd1_phsw_on
28h
SD_phsw_status
sdmph_clk_div<7:6>
-
sd6_nph_a
uto
sd1_np
h_auto
sd0_nph_auto<2:0>
29h
SD0_control
sd0_trim_gm<7:6>
sd0_forc
e_pwm
sd0_fast
sd0_co
mbine_
phase
sd0_phases<2:0>
2Ah
SD1_control
sd1_trim_gm<7:6>
sd1_forc
e_pwm
sd1_fast
sd1_co
mbine_
phase
sd0_low_noise
sd1_low_noise
sd1_phases
2Bh
SDmph_control
disable_sd0_pull
d
-
sd6_startslew<5:4>
sd1_startslew<3:2>
sd0_startslew<1:0>
2Ch
SD23_control
-
sd3_fast
sd3_forc
e_pwm
sd3_low_n
oise
-
sd2_fast
sd2_force_pwm
sd2_low_noise
2Dh
SD4_control
-
sd4_fast
sd4_force_pwm
sd4_low_noise
2Eh
SD5_control
-
sd5_fast
sd5_force_pwm
sd5_low_noise
2Fh
SD6_control
sd6_trim_gm<7:6>
sd6_forc
e_pwm
sd6_fast
sd6_co
mbine_
phase
sd6_ph2c_on
sd6_low_noise
sd6_phases
30h
SD_dvm
-
dvm_time_sd6<5:4>
dvm_time_sd1<3:2>
dvm_time_sd0<1:0>
31h
Resetreason
reset_reason<7:4>
startup_reason<3:0>
32h
Battery_voltage_monit
or
FastResEn
SupResEn
ResVoltFall<5:3>
ResVoltRise<2:0>
33h
Startup_Control
-
onkey_l
press_r
eset
lid_rising_en
ac_ok_rising_en
power_off_at_vsuplo
w
34h
ResetTimer
-
stby_reset
_enable
auto_off
off_delay<4:3>
-
res_timer<1:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com