Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 11 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 11 Page - ams AG

Back Button AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG AS3722 Datasheet HTML 11Page - ams AG AS3722 Datasheet HTML 12Page - ams AG AS3722 Datasheet HTML 13Page - ams AG AS3722 Datasheet HTML 14Page - ams AG AS3722 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 198 page
background image
ams Datasheet
Page 11
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Pin Assignment
N3
G11
VSS_SD3
AIO
Power GND pin of
Stepdown3
-Mandatory
P2
G12
VSS_SD3
AIO
Power GND pin of
Stepdown3
-Mandatory
P3
VSS_SD3
AIO
Power GND pin of
Stepdown3
-Mandatory
K2
G10
FB_SD3
AIO
Analog Feedback pin of SD3
3.6V
Open
N12
H4
VSUP_SD4
S
System supply voltage
input of Stepdown4
(connect to other VSUP
pins)
5.5V
Mandatory
P12
J4
VSUP_SD4
S
System supply voltage
input of Stepdown4
(connect to other VSUP
pins)
5.5V
Mandatory
L10
H2
FB_SD4
AIO
Analog Feedback pin of SD4
3.6V
Open
N14
J3
LX_SD4
AIO
LX node of Stepdown4
VSUP
Open
P13
LX_SD4
AIO
LX node of Stepdown4
VSUP
Open
M13
J2
VSS_SD4
AIO
Power GND pin of
Stepdown4
-Mandatory
M14
VSS_SD4
AIO
Power GND pin of
Stepdown4
-Mandatory
N11
H4
VSUP_SD5
S
System supply voltage
input of Stepdown5
(connect to other VSUP
pins)
5.5V
Mandatory
P11
J4
VSUP_SD5
S
System supply voltage
input of Stepdown5
(connect to other VSUP
pins)
5.5V
Mandatory
J1
F10
FB_SD5
AIO
Analog Feedback pin of SD5
3.6V
Open
N10
H5
LX_SD5
AIO
LX node of Stepdown5
VSUP
Open
P10
J5
LX_SD5
AIO
LX node of Stepdown5
VSUP
Open
P9
H6
VSS_SD5
AIO
Power GND pin of
Stepdown5
-Mandatory
N9
J6
VSS_SD5
AIO
Power GND pin of
Stepdown5
-Mandatory
H11
F6
FB_SD0_P
AIO
Positive Feedback of SD0
3.6V
Open
Pin Number
Pin Name
I/O
Description
Maximum
Voltage
If Not Used
CTBGA
WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com