Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 25 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 25 Page - ams AG

Back Button AS3722 Datasheet HTML 21Page - ams AG AS3722 Datasheet HTML 22Page - ams AG AS3722 Datasheet HTML 23Page - ams AG AS3722 Datasheet HTML 24Page - ams AG AS3722 Datasheet HTML 25Page - ams AG AS3722 Datasheet HTML 26Page - ams AG AS3722 Datasheet HTML 27Page - ams AG AS3722 Datasheet HTML 28Page - ams AG AS3722 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 198 page
background image
ams Datasheet
Page 25
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 15:
DC/DC Buck Converter Normal Operation
Figure 16:
DC/DC Buck Converter SD4+SD5 (2-3A) Mode
DC/DC Buck Normal Operation: Shows
the internal DC/DC buck converters in
normal operation independent from
each other; no slave mode set
DC/DC Buck Slave Operation: Shows
the internal DC/DC buck converters with
SD5 operating as slave of SD4 to
increase the output current.
(sd5_slave = 1)
VSUP_SD2
LX_SD2
FB_SD2
VSS_SD2
1uH
2.2uF
33uF
VSD2
12.5mV steps
VSUP_SD3
LX_SD3
FB_SD3
PVSS_SD3
1uH
22uF
VSD3
12.5mV steps
VSUP_SD4
LX_SD4
FB_SD4
VSS_SD4
1uH
10uF
VSD4
12.5mV steps
2.2uF
2.2uF
VSUP_SD5
LX_SD5
FB_SD5
VSS_SD5
1uH
10uF
VSD5
12.5mV steps
2.2uF
DCDC2
0.6V-3.3V
3-4A
DCDC3
0.6V-3.3V
1.5-2A
DCDC4
0.6V-3.3V
1-1.5A
DCDC5
0.6V-3.3V
1-1.5A
VSUP_SD4
LX_SD4
FB_SD4
VSS_SD4
1uH
22uF
VSD4 (2-3A)
12.5mV steps
4.7uF
VSUP_SD5
LX_SD5
FB_SD5
VSS_SD5
VSUP_SD2
LX_SD2
FB_SD2
VSS_SD2
1uH
2.2uF
33uF
VSD2
12.5mV steps
VSUP_SD3
LX_SD3
FB_SD3
PVSS_SD3
1uH
22uF
VSD3
12.5mV steps
2.2uF
DCDC2
0.6V-3.3V
3-4A
DCDC3
0.6V-3.3V
1.5-2A
DCDC4
0.6V-3.3V
1-1.5A
DCDC5
0.6V-3.3V
1-1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com