Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 30 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 30 Page - ams AG

Back Button AS3722 Datasheet HTML 26Page - ams AG AS3722 Datasheet HTML 27Page - ams AG AS3722 Datasheet HTML 28Page - ams AG AS3722 Datasheet HTML 29Page - ams AG AS3722 Datasheet HTML 30Page - ams AG AS3722 Datasheet HTML 31Page - ams AG AS3722 Datasheet HTML 32Page - ams AG AS3722 Datasheet HTML 33Page - ams AG AS3722 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 198 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
DCDC Step-Down Controller
Description
The Step-Down controller SD1 and SD6 are dual phase
controller using an external power-stage incorporating 2
phases to achieve higher output currents. The maximum output
current when using the AS3729 power stage is 6A (peak) with
having 3A (peak) per phase. When using the AS3729B power
stage, the current can be up to 4A (peak) per phase. This allows
the use of low profile coils without compromising on
performance.
Figure 23:
SD1 DC/DC Buck Controller 8A Peak Block Diagram
SD1 DC/DC Buck Controller: Shows basic connection of the SD1 controller to the external power stage
(AS3729B) for 8Apeak output current.
When using the AS3728 power stage a dual phase controller
can support up to 8A (4A per phase). The AS3728 is a HV power
stage being capable of operating from input voltage up to 14V
for multi-cell designs.
TEMP
CTRL1
CTRL2
LX2
LX 1
PVSS
PVSS
0.47uH
0.47uH
FB_SDx
Vout (0.6-1.5V@8A)
DVM, 10mV steps
47uF
VSUP
10uF
47uF
AS3729B
SD
controller
TEMP _SDx
CTRL1_SDx
CTRL2_SDx
FB_SDx
VSUP
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com