Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 70 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 70 Page - ams AG

Back Button AS3722 Datasheet HTML 66Page - ams AG AS3722 Datasheet HTML 67Page - ams AG AS3722 Datasheet HTML 68Page - ams AG AS3722 Datasheet HTML 69Page - ams AG AS3722 Datasheet HTML 70Page - ams AG AS3722 Datasheet HTML 71Page - ams AG AS3722 Datasheet HTML 72Page - ams AG AS3722 Datasheet HTML 73Page - ams AG AS3722 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 198 page
background image
Page 70
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Figure 66:
OC_PG Timing Diagram
OC_PG Timing Diagram: Shows the signal timing of the overcurrent-power-good output.
Supervisor
The PMIC has a build in over-temperature protection, which
could be switched off with the serial interface signal
temp_pmc_on (enabled by default; it is not recommended to
disable the over-temperature protection).
Temperature Supervision
The chip has three signals for the serial interface:
ov_temp_alarm0, ov_temp_alarm1 and ov_temp_shutdown.
The flags ov_temp_alarm0/1 are automatically reset if the
over-temperature condition is removed, whereas
ov_temp_shutdown has to be reset by the serial interface with
the signal rst_ov_temp_shutdown.
If the flag ov_temp_shutdown is set, an automatic reset of the
complete chip is initiated. The chip will only start-up when the
temperature falls below the Talarm0 level (including hysteresis).
The flag ov_temp_shutdown is not affected by this reset cycle
allowing the software to detect the reason for this unexpected
shutdown:
A similar supervision is done for the power-stage dies. The
over-temperature alarm flag (temp_sdX_alarm)is set, when a
sub die reaches the alarm level. The over-temperature alarm
flag is set anyway and cleared when the temperature falls below
the threshold. When reaching the shutdown level an automatic
reset (can be masked) of the AS3722 is initiated. The
sd0_on
Vout
Tstart = 250usec max.
OC_PG
10nsec delay
OC_PG>90usec high
(typ. 120usec).
AC_OK or
GPIO3,4,5
if enalbed
100nsec delay done in analog
sd0_vsel
pg_vmask_time=4/8usec
mask
10nsec delay
100nsec
delay done in analog
sd0_lv or ov_curr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com