Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 42 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 42 Page - ams AG

Back Button AS3722 Datasheet HTML 38Page - ams AG AS3722 Datasheet HTML 39Page - ams AG AS3722 Datasheet HTML 40Page - ams AG AS3722 Datasheet HTML 41Page - ams AG AS3722 Datasheet HTML 42Page - ams AG AS3722 Datasheet HTML 43Page - ams AG AS3722 Datasheet HTML 44Page - ams AG AS3722 Datasheet HTML 45Page - ams AG AS3722 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 198 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- Power Management Functions
Figure 39:
Extended Input Range LDO Block Diagram
Figure 40:
Tracking LDO3 Block Diagram
LDO3 can operate in three different modes (ldo3_mode). As
normal PMOS LDO for high intput votlages operating from
VIN_LDO3_4, as NMOS LDO on lower input voltages (<1.7V)
from VIN_LDO3_LV or as switch between VIN_LDO3_SW and
LDO3.
LDO3 has a special tracking function to follow SD1 or SD6
(selectable in OTP) output voltage as long as the DCDC is
enabled, if it is disabled the LDO operates in normal PMOS
mode. With ldo3_vtrack_tr an offset can be programmed for the
PMOS tracking to compensate voltage drops along the supply
lines.
Extended Input Range LDO Block
Diagram: Shows the internal structure
of the NMOS linear regulator.
Tracking LDO3 Block Diagram: Shows
the internal structure of the LDO3 linear
regulator consisting of a PMOS and a
NMOS LDO as well as a switch.
NMOS
Power
Device
0.6?
VIN_LDOx
Error
Amplifier
LDOx
VSS
Vref
0.8V
low noise
CLOAD_LDOx
VSUP
2.2uF
2.2uF
LDO3
PMOS
0.6-1.5V
300mA
1.7V input
LDO3
NMOS
0.6-1.0V
100mA
LDO3
SW
350mOhm
2.2uF
(1.2-3.3V)
(1.7-5.5V)
(0.6-1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com