Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 85 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 85 Page - ams AG

Back Button AS3722 Datasheet HTML 81Page - ams AG AS3722 Datasheet HTML 82Page - ams AG AS3722 Datasheet HTML 83Page - ams AG AS3722 Datasheet HTML 84Page - ams AG AS3722 Datasheet HTML 85Page - ams AG AS3722 Datasheet HTML 86Page - ams AG AS3722 Datasheet HTML 87Page - ams AG AS3722 Datasheet HTML 88Page - ams AG AS3722 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 198 page
background image
ams Datasheet
Page 85
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
SPI Parameter
Figure 83:
SPI Characteristics
SPI Characteristic: Shows the key electrical parameter of the SPI interface.
PMW DVS Control Interfaces
Description
Two dedicated PMW interfaces can be used to perform DVS on
SD0 and SD6.
The voltage is determined by a base value (vpwmX_base) and
the increments according to the duty cycle of the pwm signal.
The step-size and reset behavior can be programmed
individually for both interfaces.
A threshold value of 0.6-to 1.84V can be set in the OTP to limit
the maximum allowed output voltage for each of the two
regulators.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SCLK/SDI/SCSB Pins
VIH
High-Level Input Voltage
1.4
VSUP_GPIO
V
VIL
Low-Level Input Voltage
0.4
V
VHYS
Hysteresis
0.2 x
VSUP_GP
IO
V
ILEAK
Input Leakage Current
to VSUP_GPIO and
GND_PAD
-5
5
μA
SDO Pin
VOH
High-Level Output
Voltage
at -2.0mA
0.8 x
VDD_GPI
O_lv
V
VOL
Low-Level Output
Voltage
at 2.0mA
0.2 x
VDD_GPIO_lv
V
CLOAD
Capacitive Load
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com