Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 74 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 74 Page - ams AG

Back Button AS3722 Datasheet HTML 70Page - ams AG AS3722 Datasheet HTML 71Page - ams AG AS3722 Datasheet HTML 72Page - ams AG AS3722 Datasheet HTML 73Page - ams AG AS3722 Datasheet HTML 74Page - ams AG AS3722 Datasheet HTML 75Page - ams AG AS3722 Datasheet HTML 76Page - ams AG AS3722 Datasheet HTML 77Page - ams AG AS3722 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 198 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
10-Bit ADC
Description
This general purpose ADC can be used for measuring several
voltages and currents to perform functions like battery monitor,
temperature supervision, button press detection, etc.
Figure 69:
ADC Input Sources
#
Source
Range
LSB
Mode
Description
0
SD0_current
1.6V
1.56mV
1:1
output current of SD0
1
SD1_current
1.6V
1.56mV
1:1
output current of SD1
2
SD6_current
1.6V
1.56mV
1:1
output current of SD6
3
DIE temperature
1.6V
1.56mV
1:1
Tj = (0.7698 * ADC10<9:0>) - 274
4
VSUP
5.5V
6.25mV
4:1
check main system supply voltage
5
GPIO1
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
6
GPIO2
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
7
GPIO3
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
8
GPIO4
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
9
GPIO6
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
10
GPIO7
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
11
VBAT
15V
23.44mV
15:1
value valid below 15V only
12
PWM_CLK2/
ADC1
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
13
PWM_DAT2/
ADC2
1.6V / 5.5V
1.56 /
6.25mV
1:1 / 4:1
14
-
reserved
15
-
reserved
16
TEMP1_SD0
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
17
TEMP2_SD0
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
18
TEMP3_SD0
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734
19
TEMP4_SD0
1.56mV
Tj = 326.5 - ADC10<9:0> * 0.3734



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com