Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 67 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 67 Page - ams AG

Back Button AS3722 Datasheet HTML 63Page - ams AG AS3722 Datasheet HTML 64Page - ams AG AS3722 Datasheet HTML 65Page - ams AG AS3722 Datasheet HTML 66Page - ams AG AS3722 Datasheet HTML 67Page - ams AG AS3722 Datasheet HTML 68Page - ams AG AS3722 Datasheet HTML 69Page - ams AG AS3722 Datasheet HTML 70Page - ams AG AS3722 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 198 page
background image
ams Datasheet
Page 67
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- System Functions
Vsup_vbat_low Output (de-bounced)
GPIOx pin will go high if VSUP falls below vsup_min or VBAT falls
below ResVoltFall and SupResEn = 0. The gpioX_mode should be
set to output.
OC_PG_SD6 Output
GPIOx pin will go high if DCDC6 is disabled. GPIOx pin will be
low during start-up of DCDC6.
After start-up of DCDC6 the GPIOx pin will be high as long
DCDC6 is not in a low voltage or overcurrent operation. The
inputs may be masked with pg_powergood_sd6_mask and
pg_ovcurr_sd6_mask. There is no 90us black-out time like for
DCDC0. The gpioX_mode should be set to output.
ADC_reference Output
By setting adc_buf_on the buffered 1.6V ADC reference is
available on GPIO7. The gpio7_mode should be set to “3”
(tristate) gpio7_iosf should be set to “0” (normal).
Dedicated IO Pins
Input Pins
ENABLE1/CORE_PWRREQ
As long as the ENABLE1 pin is high the DCDC/LDOs operate with
the normal register settings. If the ENABLE1 pin goes low the
settings will change to the ones stored in regX_voltage_stby. In
addition the chip is set into stand-by mode. regX_select_stby
defines the order of the regulators for going into stand_by. All
other regulators not defined in sdX_stby_on or ldoX_stdby_on
will be put into stand_by simultaneously at the end of the
sequence.
Pulling ENABLE1 pin high will wake-up the chip. The sequence
is reversed to going into stand_by.
Delays for the sequence can be set with regX_stby_delay and
delay_time_stby.
ENABLE1 pin is default disabled after start-up from off state.
enable1_stby_en and enable1_inv will enable the input and set
the polarity.
ENABLE2/CPU_PWRREQ
ENABLE2 is a dedicated pin to on/off control of SD0.
enable2_enable and enable2_inv will enable the input and set
the polarity.
THERM
Is an external signal which triggers an immediate power down
similar to VSUP_low or a chip over-temperature event. The chip
will not power-on again before the THERM signal is de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com