Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 76 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 76 Page - ams AG

Back Button AS3722 Datasheet HTML 72Page - ams AG AS3722 Datasheet HTML 73Page - ams AG AS3722 Datasheet HTML 74Page - ams AG AS3722 Datasheet HTML 75Page - ams AG AS3722 Datasheet HTML 76Page - ams AG AS3722 Datasheet HTML 77Page - ams AG AS3722 Datasheet HTML 78Page - ams AG AS3722 Datasheet HTML 79Page - ams AG AS3722 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 198 page
background image
Page 76
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Detailed Descriptions- System Functions
Parameter
Figure 70:
ADC Characteristics
ADC Characteristics: Shows the key electrical parameter of the internal ADC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
10
Bit
Vin
Input Voltage Range
for 1:1 mode
0
1.6
V
DNL
Differential Nonlinearity
1LSB 1.56mV for 1:1
(depending on selected
channel)
± 0.3
LSB
INL
Integral Nonlinearity
± 0.9
LSB
Vos
Input Offset Voltage
2
LSB
Rin
Input Impedance
1:1
100
MΩ
4:1
200
kΩ
Cin
Input Capacitance
9
pF
Idd
Power Supply Current
during conversion only
500
μA
Idd
Power Down Current
100
nA
Transient Parameters (25°C)
Tc
Conversion Time
40
μs
fc
Clock Frequency
internal CLK frequency/8
fclk_int/
8
kHz
ts
Settling time of S&H
1
μs
ADC Reference Buffer
VOUT
Output voltage
-1.2%
1.6
+1.2%
V
IOUT
Output current
ROUT>6.4kΩ
0250
uA
COUT
Output capacitor
0
50
pF
tSTART
Start-up time
10
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com