Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 105 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 105 Page - ams AG

Back Button AS3722 Datasheet HTML 101Page - ams AG AS3722 Datasheet HTML 102Page - ams AG AS3722 Datasheet HTML 103Page - ams AG AS3722 Datasheet HTML 104Page - ams AG AS3722 Datasheet HTML 105Page - ams AG AS3722 Datasheet HTML 106Page - ams AG AS3722 Datasheet HTML 107Page - ams AG AS3722 Datasheet HTML 108Page - ams AG AS3722 Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 198 page
background image
ams Datasheet
Page 105
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 95:
GPIO0control
Addr:08h
GPIO0control
Bit
Bit Name
Default
Access
Bit Description
7gpio0_invert
0
RW
Invert GPIO input/output
0 : Normal mode
1 : Invert input or output
6:3
gpio0_iosf
0
RW
Select the GPIO special function
0 : Normal i/o operation
1 : Interrupt output
2 : VSUP_VBAT_low undebounced output
3 : GPIO interrupt input
4 : PWM input (internal PWM overide)
5 : Voltage_stby input: rising edge .. Goto Standby;
(Leave standby by arbitrary interrupt)
6 : OC_PG_SD0 function on GPIO
7 : pwr_good output
8 : Q32k output (if osc_pd=1 then internal RC
oscillator with 32kHz divider is used)
9 : Watchdog input
10 : NC
11 : Soft reset input
12 : PWM output
13 : VSUP_VBAT_low debounced output
14 : OC_PG_SD6 function on GPIO
15 : NC
2:0
gpio0_mode
3
RW_SM
Selects the GPIO mode (I, I/O, Tri, Pulls)
0 : Input
1 : Output (push and pull) VSUP_GPIO
2 : Output/Input (open drain, only NMOS is active)
3 : ADC input (Tristate)
4 : Input with pull-up to VDD_GPIO_lv
5 : Input with pull-down
6 : Output/Input open drain (nmos) with pull-up to
VDD_GPIO_lv,
7 : Output (push and pull) VDD_GPIO_lv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com