Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 117 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 117 Page - ams AG

Back Button AS3722 Datasheet HTML 113Page - ams AG AS3722 Datasheet HTML 114Page - ams AG AS3722 Datasheet HTML 115Page - ams AG AS3722 Datasheet HTML 116Page - ams AG AS3722 Datasheet HTML 117Page - ams AG AS3722 Datasheet HTML 118Page - ams AG AS3722 Datasheet HTML 119Page - ams AG AS3722 Datasheet HTML 120Page - ams AG AS3722 Datasheet HTML 121Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 198 page
background image
ams Datasheet
Page 117
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 114:
LDO3_settings
Figure 115:
GPIO_deb1
Addr:1dh
LDO3_settings
Bit
Bit Name
Default
Access
Bit Description
1:0
ldo3_vtrack_tr
0
RW_SM
Selects offset a trimming for tracking mode
0 : no offset
1 : +10mV offset of LDO3 at 1.2V Vout (+0.83%)
2 : +20mV offset of LDO3 at 1.2V Vout (+1.66%)
3 : +30mV offset of LDO3 at 1.2V Vout (+2.5%)
Addr:1eh
GPIO_deb1
Bit
Bit Name
Default
Access
Bit Description
7:6
gpio3_deb
0
RW
Sets debounce time on GPIO input
00h : no debounce time
01h : approx. 100 us
02h : approx. 1 ms
03h : approx. 10 ms
5:4
gpio2_deb
0
RW
Sets debounce time on GPIO input
00h : no debounce time
01h : approx. 100 us
02h : approx. 1 ms
03h : approx. 10 ms
3:2
gpio1_deb
0
RW
Sets debounce time on GPIO input
00h : no debounce time
01h : approx. 100 us
02h : approx. 1 ms
03h : approx. 10 ms
1:0
gpio0_deb
0
RW
Sets debounce time on GPIO input
00h : no debounce time
01h : approx. 100 us
02h : approx. 1 ms
03h : approx. 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com