Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 129 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 129 Page - ams AG

Back Button AS3722 Datasheet HTML 125Page - ams AG AS3722 Datasheet HTML 126Page - ams AG AS3722 Datasheet HTML 127Page - ams AG AS3722 Datasheet HTML 128Page - ams AG AS3722 Datasheet HTML 129Page - ams AG AS3722 Datasheet HTML 130Page - ams AG AS3722 Datasheet HTML 131Page - ams AG AS3722 Datasheet HTML 132Page - ams AG AS3722 Datasheet HTML 133Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 198 page
background image
ams Datasheet
Page 129
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 131:
SD_dvm
Addr:30h
SD_dvm
Bit
Bit Name
Default
Access
Bit Description
5:4
dvm_time_sd6
0
RW
Time steps of DVM voltage change of selected step
down
If voltage of step Down is changed during operation
(sdx_vsel)
voltage is de/increased
0 : immediate change (no DVM)
1 : 40mV/us
2 : 10mV/us
3 : 5mV/us
3:2
dvm_time_sd1
0
RW
Time steps of DVM voltage change of selected step
down
If voltage of step Down is changed during operation
(sdx_vsel)
voltage is de/increased
0 : immediate change (no DVM)
1 : 40mV/us
2 : 10mV/us
3 : 5mV/us
1:0
dvm_time_sd0
0
RW
Time steps of DVM voltage change of selected step
down
If voltage of step Down is changed during operation
(sdx_vsel)
voltage is de/increased
0 : immediate change (no DVM)
1 : 40mV/us
2 : 10mV/us
3 : 5mV/us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com