Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 6 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 6 Page - ams AG

Back Button AS3977 Datasheet HTML 2Page - ams AG AS3977 Datasheet HTML 3Page - ams AG AS3977 Datasheet HTML 4Page - ams AG AS3977 Datasheet HTML 5Page - ams AG AS3977 Datasheet HTML 6Page - ams AG AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG AS3977 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
6 - 47
AS3977
Data Sheet - P i n A s s i g n m e n t s
CLK
6
SDI clock
XTALIN
7
XTAL oscillator input, DC Level approximately 1 Volt, needs an
DC Blocker in case of external clock
XTALOUT
8
XTAL oscillator output, DC Level approximately 1 Volt
VREGDIG
9
Voltage regulator2 (VRegDig) output, requires a capacitor with
nominal 100 nF.
VDD
10
Positive Power Pin
Positive supply of digital part and voltage regulator2 (VRegDig)
DATAIO
11
Digital CMOS level input Pin, SDI data input / output
MCCLK
12
Micro controller clock output Digital output with variable driver
strength
VSS
13
GND Pin
Negative supply of digital part
Reserved
14
Must be connected to GND
VCCPA
15
Positive Power Pin
Positive supply of PA and voltage regulator
VREGRF
16
Voltage regulator output to feed the RF Amplifier. For optimum
performance a capacitor with nominal 1µF and 100 nF is
recommended.
GND
17
GND Power Pin
Negative supply of analogue part (exposed paddle)
Table 1. Pin Descriptions
Pin Name
Pin Number
Type
Description
CLK
VDD
VDD
VDD
XTALOUT
VDD
VREGD IG
DATAIO
MC CCLK
VREGR F
VC CPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com