Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 1 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 1 Page - ams AG

  AS3977 Datasheet HTML 1Page - ams AG AS3977 Datasheet HTML 2Page - ams AG AS3977 Datasheet HTML 3Page - ams AG AS3977 Datasheet HTML 4Page - ams AG AS3977 Datasheet HTML 5Page - ams AG AS3977 Datasheet HTML 6Page - ams AG AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AS3977
Multi-Channel Narrowband FSK Transmitter
www.austriamicrosystems.com/AS3977
Revision 3.6
1 - 47
Data Sheet
1 General Description
The AS3977 is a low-power fully integrated ETSI, FCC and ARIB
compliant FSK transmitter capable of operating at any ISM
frequency in the range of 300 to 928 MHz. It is based on a sigma-
delta controlled fractional-N synthesizer phase locked loop (PLL)
with fully integrated voltage controlled oscillator (VCO). The power
amplifier (PA) output is programmable and can deliver power ranging
from –20dBm up to +10dBm. An on-chip low drop-out (LDO)
regulator is available in case an accurate output power independent
of voltage supply variation is required. The output signal can be
shaped using a programmable Gaussian filter to minimize the
occupied bandwidth and adjacent channel power. The maximum
data rate can be up to 100 kb/s – depending on the required filtering.
The FSK frequency deviation is programmable up to a maximum of
64 kHz.
The crystal oscillator can handle a wide range of frequencies. For
narrow-band applications, a temperature sensor with digital read-out
is included that allows compensation of the crystal frequency drift
due to temperature variation.
The AS3977 is connected to an external microcontroller via a bi-
directional digital interface. The device operates at very low current
consumption with a power supply range from 2.0V to 3.6V and can
be powered down when not in use.
The device is fabricated in austriamicroystems advanced 0.35µm
SiGe-BiCMOS technology.
2 Key Features
Fully integrated UHF transmitter
Compliant to ETSI EN 300-220, FCC CFR47 part 15 and ARIB
STD-T67
Multi-channel with narrow bandwidth
300 – 928 MHz operating frequency range (ISM)
Filtered FSK
Data rate up to 100 kb/s
FSK deviation programmable up to 64kHz
Extremely low power consumption
Main Characteristics
2.0 – 3.6V power supply
Power down current consumption 100 nA (3V, 25ºC)
Output power up to +10dBm
Occupied bandwidth 6 kHz (4.8 kb/s, FFSK, ARIB)
-40 to 85ºC temperature range
Additional Features
Sigma-Delta controlled fractional-N synthesizer
Resolution of synthesizer < 100Hz
Fully integrated PLL
Fully integrated voltage controlled oscillator (VCO)
4kV ESD protection (1.5kV for the Analog pins)
12 – 20 MHz crystal oscillator
On-chip temperature sensor with digital readout for AFC pur-
poses
Fast frequency hopping with predefined channel selection
Microcontroller clock output to save addition crystal
Constant output power over battery life time
Integrated Manchester coder
Digital lock detector
Low drop-out regulator
Bi-directional serial interface
Low Power Down Mode current consumption
3 Applications
The AS3977 is suitable for Remote keyless entry systems, Short
range radio data transmission, Domestic and consumer remote
control units, Cordless alarm systems, Remote metering, and Low
power telemetry.


Similar Part No. - AS3977

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3977 AMSCO-AS3977 Datasheet
167Kb / 2P
Multi-Channel Narrowband FSK Transmitter
More results

Similar Description - AS3977

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3977 AMSCO-AS3977 Datasheet
167Kb / 2P
Multi-Channel Narrowband FSK Transmitter
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_12 Datasheet
692Kb / 20P
FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
FSK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72031 MELEXIS-TH72031_12 Datasheet
690Kb / 20P
FSK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com