Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 29 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 29 Page - ams AG

Back Button AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
29 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.6 Transmitter Configuration Register
All configuration registers are readable and writable. The registers are arranged as addressable bytes. The first byte (A<7:0>) is addressed by 0,
the consecutive bytes (A<15:8>, B<7:0>, etc.) are addressed by 1,2, etc. The configuration register settings (except the registers with default
setting when entering or leaving the Power down mode), do not alter during Power down mode as long as the minimum supply requirements are
met.
Default settings given are recommendations according to application note (not set at power up).
Table 22. Configuration Registers
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
A
reserved
CPSC
<1:0>
DIVR
<2:0>
ARSDRS
<1:0>
BSEL
<1:0>
B
FRAC1<10:0>
C
INT1<9:0>
FRAC1<15:11>
D
FRAC2<15:0>
E
FRAC3<5:0>
INT2<9:0>
F
INT3<5:0>
FRAC3<15:6>
G
FRAC4<11:0>
INT3<9:6>
H
reserved
INT4<9:0>
FRAC4<15:12>
I
DF<7:0>
GFCS<7:0>
J
PAOP1
<1:0>
RPAOV1
ATCPH<3:0>
reserved
K
PREOP2<4:0>
PAOP2
<1:0>
RPAOV2
<1:0>
LS
LT
FSK1
PREOP1<4:1>
L
PSC
<0>
CLKS<1:0>
MCCDS
<2:0>
MCCS
<1:0>
reserved
FSK2
M
reserved
ASC<1:0>
TCV<7:0>
PSC<2:1>
N
reserved
reserved
O
reserved
LD
TS<9:0>
Table 23. Configuration Registers Description
Register
Name
Default Value
Description
Synthesizer section
A<1:0>
SEL<1:0>
application dependent
Frequency band selection
0 (00): 315MHz frequency band
1 (01): 434 MHz and ARIB frequency band
2 (10): 868MHz frequency band
3 (11): 915MHz frequency band
A<2>
ARSRST
0
Automatic range select reset, active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com