Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 31 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 31 Page - ams AG

Back Button AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
31 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Modulation and Power Amplifier section
I<7:0>
GFCS
<7:0>
application dependent
Gaussian filter clock setting
I<15:8>
DF<7:0>
application dependent
FSK deviation setting
J<0>
GFBP
0
Gaussian filter bypass
0: not bypassed
1: bypassed
J<1>
REGEN
1
0: Turn off the VDD RF Regulator
1: Turn on the VDD RF Regulator
J<5:2>
-
0000
reserved Bits: set to Binary 0000 for normal mode of
operation
J<6>
reserved
0
reserved Bit should be set to 0
J<10:7>
ATCPH
<3:0>
0000
Antenna tuning circuit phase shift setting
0 (0000): minimum capacitor
:
:
15 (1111): maximum capacitor
J<12:11>
RPAOV1
<1:0>
11
PA voltage regulator setting 1
0 (00): VREG=1.7V
1 (01): VREG=1.8V
2 (10): VREG=1.9V
3 (11): VREG=2.0V
J<14:13>
PAOP1
<1:0>
application dependent
Power amplifier power level setting 1
0 (00): maximum power
:
3 (11): minimum power
J<15>
PREOP1
<4:0>
application dependent
Preamplifier power level setting 1
0 (00000): power off
1 (00001): minimum power
:
31 (11111): maximum power
K<3:0>
K<4>
FSK1
0
Modulation type selection 1
0: FSK
1: reserved for test purposes only
K<5>
LT
0
Lock transmit, active=high
K<6>
LS
0
Low power supply indicator, active=high
K<8:7>
RPAOV2
<1:0>
11
PA voltage regulator setting 2
0 (00): VREG=1.7V
1 (01): VREG=1.8V
2 (10): VREG=1.9V
3 (11): VREG=2.0V
K<10:9>
PAOP2
<1:0>
application dependent
Power amplifier power level setting 2
0 (00): maximum power
:
3 (11): minimum power
Table 23. Configuration Registers Description
Register
Name
Default Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com