Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 36 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 36 Page - ams AG

Back Button AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
36 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Example:
Wanted frequency 425 MHz by 16 MHz crystal frequency.
The values of P and M can be taken from table
P=1
→ Defined with the BSEL Bit’s BSEL<1:0>= Hex “2”
M=5
→ INT<9>= 5-4 = 1
The Setting of DIVR<2:0> = 2 results in a reference frequency divider of 4.
The Division ratio will now be:
(EQ 18)
And can be split into the values:
N = whole numbered part of
(EQ 19)
As the Rest is zero, we have to set AC=M and N to decrease by one.
N=20
INT < 3:0 >= N-10 = 20-10=10 = Hex „A“
AC=5
INT < 7:4 >= AC-1= 5-1=4 Hex „4“
FRAC < 15:0 >= DRFRAC x 2
16 = 0,48 x 65536 = 31457 =Hex “7AE1”
9.8.2 Optional Frequency Calculation with Overlapping Fractional Bands by Using the Bit INT<8>
Bit INT<8>. The bit INT<8> is a multiplier to the output of the ΣΔ-modulator. Set this Bit to high stretches the fractional-N region by two and
results in overlapping frequency bands with a bandwidth of 2*fREF and an overlap ratio of 50% in order to allow frequency modulation and/or
frequency trimming independently on the required output frequency and selected crystal. Note that setting INT<8> high increases the PLL in-
band noise by approximately 3dB. Therefore it is recommended to use this option only if the required frequency band did not fit to the crystal
reference.
Steps for INT<8>=1
DR
f
RF
Pf
REF
⋅
------------------
433 92
,
R
1.4
--------------------
108 48
,
DR
INT
DR
FRAC
+
==
=
=
DR
INT
3
–
()
M
-----------------------------
108
3
–
()
5
----------------------
21
==
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
FRAC
Frequency Band
INT=N-2
INT=N-1
INT=N
INT=N+1
INT8=1
INT8=0
Modulation on the Integer border with
INT<8> = 0 not possible
Modulation on the Integer border with
INT<8> = 1 not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com