Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 21 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 21 Page - ams AG

Back Button AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
21 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.2.1 Configuration Diagram
The interface has one clock signal for the external µC and the SDI input clock. As the MCCLK line can be used to clock the SDI Interface as well
as must have a high impedance pin during the clocking phase of the microcontroller, the Pin must be bi-directional. The pad behavior is selected
by configuration bits and by setting the SDI DATA-IO Line of the SDI interface when leaving PD. Possible configurations between the interface
and the µC are done using 4 wires as shown in Figure 7.
MCCLK is simply connected to the micro controller and can be used to clock a timer or interrupt logic.
Figure 7. Configuration Diagram
A connection using a set of three wires is required to implement the SDI protocol.
ENABLE signal is used to activate the interface and to wake up the whole IC. In addition, the rising edge of the ENABLE after power down
mode is used to set the starting point of the communication protocol.
CLK represents the SDI clock and both edges can be used for data transfer, dependable on the configuration after wake-up.
DATAIO is a bi-directional signal that goes from microcontroller to the Interface during write and transmit-commands, while it is in the other
direction when the interface is sending data read from the micro controller.
The interface supports the following functionality for the micro controller clock output (MCCLK).
MCCLK can be inactive (MCCLK level not defined), always active after start-up (MCCLK is clocking) or clocking only during transmit.
It is possible to configure and to maintain MCCLK settings (even when leaving PD).
Maximum frequency is specified to fXOSC (by using the prescaler output with a division ratio of 1, PSC=0).
Minimum frequency is fXOSC / 65280 (by using the baud rate generator output with prescaler division ratio of 128 and timer counter value of
255).
The rising edge of ENABLE after a Power Down Mode selects the transfer edge of the SDI-CLK by sampling the SDI clock value itself. This
configuration will be valid until the next PD. Each bit must be transferred and sampled according to the configured edges. For example, if at the
first rising edge of SDI enable SDI clock is LOW, then each bit is transferred from the microcontroller on the rising edge of SDI clock and it is
sampled from AS3977 on falling edge of the SDI clock. This is valid for read as well as for write commands.
During the first byte of the WRITE command communication (command and address), the SDI master drives each new data bit on the transfer
active edge and the SDI slave samples it on the next opposite edge. This protocol will be valid until the last data bit has been written to the
external registers. Data’ are transferred to the registers byte by byte after sampling of the last bit.
It is not necessary to enter the PD mode for reset the Interface. The rising edge of SDI-ENABLE signal starts the communication.
When the command is READ, a direction change on the SDI data wire will be done. This change has to be performed synchronously on SDI
master and slave side, however, the master always provide the SDI clock. After sampling the last addressed bit, the SDI slave pin becomes
active on the following SDI clock edge and the first readable bit read is transferred from SDI slave to the master.
In any case, the SDI master has to reset the SDI interface on the last bit of the data in order to stop the communication by applying an Enable
LOW pulse (duration: min > 1 SDI CLK cycle, max: < 1/fcrystal * 2
16).
MCCLK
ENABLE
CLK
DATAIO
µC
AS3977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com