Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 28 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 28 Page - ams AG

Back Button AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
28 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.5 Communication and Command Byte Structure
A frame consists of a command byte including address/configuration and a following bit stream that can either represent an integer number of
bytes or a random sequence of bits when the command is transmit. Command is encoded in the 2 first bits, while address is given on 6 bits. In
case if the command is neither read nor write, these bits are used to configure the transmission and they will be stored until the next
configuration.
The first byte of every SDI sequence is the command byte.
The function code defines the command to be performed.
Function Code
Register Address or Transmission Configuration
C0
C1
A5
A4
A3
A2
A1
A0
C0
C1
Command
0
0
Write data to register at address <A5…A0>
0
1
Read data from register at address <A5…A0>
1
0
Not defined
1
1
Transmit data. A0…A5 defines the transmit configuration:
Bit
Function
Value, Description
<A1, A0>
Frequency
Selection
0 (00): selects frequency setting 1
1 (00): selects frequency setting 2
2 (10): selects frequency setting 3
3 (11): selects frequency setting 4
A2
Power level /
modulation type
selection
0: selects power level / modulation type 1
1: selects power level / modulation type 2
A3
Manchester coding
0: off
1: on
A4
PA mode
0: PA off at the falling edge of ENABLE (synchronized
with baud rate if A5 high)
1: DATAIO is latched at the falling edge of ENABLE
(i.e. TX data are kept constant, PA stays on)
A5
Data
Synchronization
0: off
1: on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com